Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744901072 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

744901072 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 744901072
Download  744901072 Download
File Size   452.7 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TCI Thinfilm Chip Inductor

744901072 Datasheet (PDF)

Go To PDF Page Download Datasheet
744901072 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744901072
Download  744901072 Click to download

File Size   452.7 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TCI Thinfilm Chip Inductor

744901072 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


744901072 Product details

General Information:
Ambient Temperature (referring
to IR) -40 up to +95 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 744901072

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744901010 WURTH-744901010 Datasheet
965Kb / 5P
WE-TCI Thinfilm Chip Inductor
744901012 WURTH-744901012 Datasheet
965Kb / 5P
WE-TCI Thinfilm Chip Inductor
744901015 WURTH-744901015 Datasheet
965Kb / 5P
WE-TCI Thinfilm Chip Inductor
744901018 WURTH-744901018 Datasheet
965Kb / 5P
WE-TCI Thinfilm Chip Inductor
744901022 WURTH-744901022 Datasheet
966Kb / 5P
WE-TCI Thinfilm Chip Inductor
More results


Similar Description - 744901072

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744901010 WURTH-744901010 Datasheet
965Kb / 5P
WE-TCI Thinfilm Chip Inductor
744900010 WURTH-744900010 Datasheet
936Kb / 5P
WE-TCI Thinfilm Chip Inductor
744900012 WURTH-744900012 Datasheet
908Kb / 5P
WE-TCI Thinfilm Chip Inductor
744901047 WURTH-744901047 Datasheet
968Kb / 5P
WE-TCI Thinfilm Chip Inductor
744902012 WURTH-744902012 Datasheet
139Kb / 2P
Thinfilm-Chip-Inductor WE-TCI
744902039 WURTH-744902039 Datasheet
112Kb / 2P
Thinfilm-Chip-Inductor WE-TCI
744902115 WURTH-744902115 Datasheet
139Kb / 2P
Thinfilm-Chip-Inductor WE-TCI
744901110 WURTH-744901110 Datasheet
922Kb / 5P
WE-TCI Thinfilm Chip Inductor
744900039 WURTH-744900039 Datasheet
909Kb / 5P
WE-TCI Thinfilm Chip Inductor
744901062 WURTH-744901062 Datasheet
463Kb / 6P
WE-TCI Thinfilm Chip Inductor
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com