Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW15N120CS7 Datasheet (PDF) - Infineon Technologies AG

IKW15N120CS7 Datasheet PDF - Infineon Technologies AG
Part # IKW15N120CS7
Download  IKW15N120CS7 Download
File Size   2013.04 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology

IKW15N120CS7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IKW15N120CS7 Datasheet PDF - Infineon Technologies AG

Part # IKW15N120CS7
Download  IKW15N120CS7 Click to download

File Size   2013.04 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology

IKW15N120CS7 Datasheet (HTML) - Infineon Technologies AG


IKW15N120CS7 Product details

Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology copacked with soft and fast recovery Emitter Controlled 7 diode

Features
• VCE=1200 V
• IC=15 A
• IGBT co-packed with full current, soft and low Qrr diode
• Low saturation voltage VCE(sat) = 2.0 V at Tvj=175 °C
• Optimized for hard switching topologies (2-L inverter, 3-L NPC T-type, ...)
• Short circuit ruggedness 8 μsec
• Wide range of dv/dt controllability
• Complete product spectrum and PSpice Models: http://www.infineon.com/igbt/
Potential applications
• Industrial Drives
• Industrial Power Supplies
• Solar Inverters
Product validation
• Product Validation: Qualified for industrial applications according to the relevant tests of
JEDEC47/20/22




Similar Part No. - IKW15N120CS7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW15N120CS7 INFINEON-IKW15N120CS7 Datasheet
4Mb / 34P
EiceDRIVER™ 1ED314xMU12F (1ED-X3 Compact)
1.0 2023-01-15
More results


Similar Description - IKW15N120CS7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKQ100N120CH7 INFINEON-IKQ100N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.10 2023-01-20
IKQ50N120CH7 INFINEON-IKQ50N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.10 2023-01-20
IKY100N120CH7 INFINEON-IKY100N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.10 2023-01-17
IKY50N120CH7 INFINEON-IKY50N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.10 2023-01-17
IKZA50N120CH7 INFINEON-IKZA50N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.20 2023-01-19
IKZA75N120CH7 INFINEON-IKZA75N120CH7 Datasheet
1Mb / 17P
High speed 1200 V TRENCHSTOP™ IGBT 7 Technology
Revision 1.10 2022-11-23
IKQ100N120CS7 INFINEON-IKQ100N120CS7 Datasheet
1Mb / 17P
Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology copacked with soft, fast recovery Emitter Controlled 7 diode
Revision 1.10 2023-01-23
IKQ120N120CS7 INFINEON-IKQ120N120CS7 Datasheet
1Mb / 17P
Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology copacked with soft, fast recovery Emitter Controlled 7 diode
Revision 1.10 2023-01-23
IKZA40N120CS7 INFINEON-IKZA40N120CS7 Datasheet
1Mb / 17P
Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology copacked with soft, fast recovery Emitter Controlled 7 diode
Revision 1.10 2023-01-23
IGQ100N120S7 INFINEON-IGQ100N120S7 Datasheet
1Mb / 14P
Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology
Revision 1.10 2023-01-23
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com