| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PBSS8110T
|
133Kb / 12P |
100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22 |
|
PBSS8110Z
|
104Kb / 12P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-26 April 2004 |
|
PBSS8110X
|
148Kb / 15P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005 |
|
PBSS306NX
|
155Kb / 15P |
100 V, 4.5 A NPN low VCEsat (BISS) transistor
Rev. 01-21 August 2006 |
|
PBSS8110D
|
172Kb / 12P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009 |
|
PBSS8110X
|
214Kb / 15P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009 |
|
PBSS8110Y
|
185Kb / 13P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-21 November 2009 |
|
PBSS306NZ
|
194Kb / 14P |
100 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009 |
 Nexperia B.V. All right... |
PBSS8110D
|
286Kb / 13P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009 |
|
PBSS8110Y
|
299Kb / 14P |
100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009 |