Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMQCEA3636DGBA Datasheet (PDF) - Renesas Technology Corp

RMQCEA3636DGBA Datasheet PDF - Renesas Technology Corp
Part # RMQCEA3636DGBA
Download  RMQCEA3636DGBA Download
File Size   416.34 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 36-Mbit DDR™ II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT

RMQCEA3636DGBA Datasheet (PDF)

Go To PDF Page Download Datasheet
RMQCEA3636DGBA Datasheet PDF - Renesas Technology Corp

Part # RMQCEA3636DGBA
Download  RMQCEA3636DGBA Click to download

File Size   416.34 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 36-Mbit DDR™ II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT

RMQCEA3636DGBA Datasheet (HTML) - Renesas Technology Corp


RMQCEA3636DGBA Product details

Description
The RMQCEA3636DGBA is a 1,048,576-word by 36-bit and the RMQCEA3618DGBA is a 2,097,152-word by 18-bit
synchronous quad data rate static RAM fabricated with advanced CMOS technology using full CMOS six-transistor
memory cell. It integrates unique synchronous peripheral circuitry and a burst counter. All input registers are
controlled by an input clock pair (K and /K) and are latched on the positive edge of K and /K. These products are
suitable for applications which require synchronous operation, high speed, low voltage, high density and wide bit
configuration. These products are packaged in 165-pin plastic FBGA package.

Features
- Power Supply
- 1.8 V for core (VDD), 1.4 V to VDD for I/O (VDDQ)




Similar Part No. - RMQCEA3636DGBA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQCEA3636DGBA-182#AC0 RENESAS-RMQCEA3636DGBA-182#AC0 Datasheet
887Kb / 31P
36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
RMQCEA3636DGBA-202#AC0 RENESAS-RMQCEA3636DGBA-202#AC0 Datasheet
887Kb / 31P
36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA_15 Datasheet
887Kb / 31P
36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
More results


Similar Description - RMQCEA3636DGBA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1266V18 CYPRESS-CY7C1266V18 Datasheet
1Mb / 27P
36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2268KV18 CYPRESS-CY7C2268KV18_12 Datasheet
876Kb / 29P
36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268XV18 CYPRESS-CY7C2268XV18 Datasheet
907Kb / 29P
36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
RMQCBA3636DGBA RENESAS-RMQCBA3636DGBA_15 Datasheet
849Kb / 30P
36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
RMQCEA3636DGBA RENESAS-RMQCEA3636DGBA_15 Datasheet
887Kb / 31P
36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency) with ODT
RMQCLA3636DGBA RENESAS-RMQCLA3636DGBA_15 Datasheet
885Kb / 31P
36-Mbit DDR??II SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2268KV18 CYPRESS-CY7C2268KV18 Datasheet
874Kb / 31P
36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C21701KV18 CYPRESS-CY7C21701KV18 Datasheet
771Kb / 24P
18-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
RMQSDA3636DGBA RENESAS-RMQSDA3636DGBA Datasheet
403Kb / 31P
36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.5 Cycle Read latency) with ODT
May 25, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com