Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2100A Datasheet (PDF) - Diodes Incorporated

B2100A Datasheet PDF - Diodes Incorporated
Part # B2100A
Download  B2100A Download
File Size   199.41 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER

B2100A Datasheet (PDF)

Go To PDF Page Download Datasheet
B2100A Datasheet PDF - Diodes Incorporated

Part # B2100A
Download  B2100A Click to download

File Size   199.41 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER

B2100A Datasheet (HTML) - Diodes Incorporated


B2100A Product details

Features
• Schottky Barrier Chip
• Guard Ring Die Construction for Transient Protection
• Low Power Loss, High Efficiency
• Surge Overload Rating to 50A Peak
• For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
• High Temperature Soldering: 260°C/10 Second at Terminal
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - B2100A

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
B2100A CTC-B2100A Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B2100A WEITRON-B2100A Datasheet
92Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B2100A CTC-B2100A Datasheet
69Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
B2100A CHENDA-B2100A Datasheet
567Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
B2100A YFWDIODE-B2100A Datasheet
337Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - B2100A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B270 DIODES-B270_1 Datasheet
265Kb / 3P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
B270 DIODES-B270_10 Datasheet
110Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 10 - 2
DFLS2100 DIODES-DFLS2100 Datasheet
122Kb / 3P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS31475 Rev. 1 - 2
B2100-13 DIODES-B2100-13 Datasheet
110Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 11
B270 DIODES-B270_15 Datasheet
110Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 11
B270Q DIODES-B270Q Datasheet
420Kb / 5P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 1
B270 DIODES-B270_18 Datasheet
414Kb / 6P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 12
B270AE DIODES-B270AE Datasheet
377Kb / 5P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 4
DFLS2100 DIODES-DFLS2100_16 Datasheet
209Kb / 5P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev erse
DFLS2100Q DIODES-DFLS2100Q Datasheet
211Kb / 5P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com