Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59M1495V Datasheet (PDF) - Renesas Technology Corp

SLG59M1495V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1495V
Download  SLG59M1495V Download
File Size   435.21 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 80 mW, 1.0 A Load Switch with Discharge

SLG59M1495V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1495V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1495V
Download  SLG59M1495V Click to download

File Size   435.21 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 80 mW, 1.0 A Load Switch with Discharge

SLG59M1495V Datasheet (HTML) - Renesas Technology Corp


SLG59M1495V Product details

General Description
The SLG59M1495V is designed for load switching
applications. The part comes with one 80 mW 1.0 A rated
MOSFET controlled by a single ON control pin. The
MOSFET’s ramp rate is adjustable depending on the input
current level of the ON pin.
The product is packaged in an ultra-small 1.0 x 1.0 mm
package.
Features
• One 80 mW 1.0 A MOSFET
• One integrated VGS Charge Pump
• User selectable ramp rate with external resistor
• Integrated Discharge Resistor
• Over Temperature Protection
• Pb-Free / Halogen-Free / RoHS compliant
• STDFN 4L, 1.0 x 1.0 x 0.55 mm




Similar Part No. - SLG59M1495V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1495V DIALOG-SLG59M1495V Datasheet
208Kb / 9P
Ultra-small 80 m廓, 1.0 A Integrated Power Switch with Discharge
SLG59M1495VTR DIALOG-SLG59M1495VTR Datasheet
208Kb / 9P
Ultra-small 80 m廓, 1.0 A Integrated Power Switch with Discharge
More results


Similar Description - SLG59M1495V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG5NT1432V RENESAS-SLG5NT1432V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch with Discharge
February 7, 2022
SLG59M1456V RENESAS-SLG59M1456V Datasheet
296Kb / 11P
Ultra-small 7.8 mW 5 A Load Switch with Discharge
February 4, 2022
SLG59M1512V RENESAS-SLG59M1512V Datasheet
606Kb / 15P
Ultra-small Dual 80 mΩ, 1.0 A Load Switch with Discharge
2-Feb-2022
SLG59M1557V RENESAS-SLG59M1557V Datasheet
435Kb / 11P
Ultra-small 28.5 mW, 1.0 A Load Switch with Discharge
February 4, 2022
SLG5NT1462V RENESAS-SLG5NT1462V Datasheet
379Kb / 10P
Ultra-small Dual 40 mW 1.0 A Load Switch with Discharge
February 10, 2022
SLG5NT1464V RENESAS-SLG5NT1464V Datasheet
380Kb / 10P
Ultra-small 40 mW 1.0 A GreenFET Load Switch with Discharge
February 8, 2022
SLG5NT1546V RENESAS-SLG5NT1546V Datasheet
384Kb / 10P
Ultra-small Dual 80 mW 1.0 A Load Switch with Discharge
February 7, 2022
SLG5NT1547V RENESAS-SLG5NT1547V Datasheet
380Kb / 10P
Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 8, 2022
SLG5NT1593V RENESAS-SLG5NT1593V Datasheet
287Kb / 10P
Ultra-small 28.5 mW, 1.0 A Load Switch with Discharge
February 14, 2022
SLG5NT1594V RENESAS-SLG5NT1594V Datasheet
377Kb / 11P
Ultra-small 28.5 mW, 1.0 A Load Switch
February 7, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com