Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59M1603V Datasheet (PDF) - Renesas Technology Corp

SLG59M1603V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1603V
Download  SLG59M1603V Download
File Size   359.69 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4.5A Load Switch with Discharge and Reverse Current Blocking

SLG59M1603V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1603V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1603V
Download  SLG59M1603V Click to download

File Size   359.69 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4.5A Load Switch with Discharge and Reverse Current Blocking

SLG59M1603V Datasheet (HTML) - Renesas Technology Corp


SLG59M1603V Product details

General Description
The SLG59M1603V is designed for load switching application.
The part comes with two 4.5 A rated MOSFETs switched on by
two ON control pins. Each MOSFETs turn on time is
independently adjusted by an external capacitor.
Features
• Two 4.5 A independent MOSFETs with Reverse Current
Blocking
• Two Integrated VGS Charge Pumps
• Two internal discharges per channel for gate and source
• Independent Ramp Control
• Protected by thermal shutdown
• Pb-Free / RoHS Compliant
• Halogen-Free
• STDFN 14L, 1 x 3 x 0.55 mm




Similar Part No. - SLG59M1603V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1603V DIALOG-SLG59M1603V Datasheet
130Kb / 10P
Dual 4.5A Integrated Power Switch with Discharge and Reverse Current Blocking
SLG59M1603VTR DIALOG-SLG59M1603VTR Datasheet
130Kb / 10P
Dual 4.5A Integrated Power Switch with Discharge and Reverse Current Blocking
More results


Similar Description - SLG59M1603V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
Full Function Load Switch with Reverse Current Blocking
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Dialog Semiconductor
SLG5NT1437V DIALOG-SLG5NT1437V Datasheet
147Kb / 10P
Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG59M610V DIALOG-SLG59M610V Datasheet
130Kb / 11P
Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG59M1603V DIALOG-SLG59M1603V Datasheet
130Kb / 10P
Dual 4.5A Integrated Power Switch with Discharge and Reverse Current Blocking
SLG59M1612V DIALOG-SLG59M1612V Datasheet
131Kb / 10P
Dual 4.5A Integrated Power Switch with One Channel Discharge and Reverse Blocking
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
SLG5NT1602V RENESAS-SLG5NT1602V Datasheet
391Kb / 11P
7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com