Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4320X Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS4320X Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS4320X
Download  PBSS4320X Download
File Size   269.03 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 3 A NPN low VCEsat (BISS) transistor

PBSS4320X Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS4320X Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS4320X
Download  PBSS4320X Click to download

File Size   269.03 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 3 A NPN low VCEsat (BISS) transistor

PBSS4320X Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS4320X Product details

1. General description
NPN low VCEsat transistor in a medium power flat lead SOT89 plastic package.
PNP complement: PBSS5320X

2. Features and benefits
• SOT89 (SC-62) package
• Low collector-emitter saturation voltage VCEsat
• High collector current capability: IC and ICM
• Higher efficiency leading to less heat generation
• Reduced printed-circuit board requirements.
• AEC-Q101 qualified

3. Applications
• Power management
• DC/DC converters
• Supply line switching
• Battery charger
• LCD backlighting.
• Peripheral drivers
• Driver in low supply voltage applications (e.g. lamps and LEDs).
• Inductive load driver (e.g. relays, buzzers and motors).




Similar Part No. - PBSS4320X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4320X PHILIPS-PBSS4320X Datasheet
115Kb / 12P
20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
PBSS4320X PHILIPS-PBSS4320X Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBSS4320X NXP-PBSS4320X Datasheet
202Kb / 12P
20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
PBSS4320X PHILIPS-PBSS4320X_15 Datasheet
214Kb / 12P
NPN low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 03
More results


Similar Description - PBSS4320X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4120T PHILIPS-PBSS4120T Datasheet
47Kb / 7P
20 V, 1 A NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4320X PHILIPS-PBSS4320X Datasheet
115Kb / 12P
20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
PBSS4220V PHILIPS-PBSS4220V Datasheet
119Kb / 13P
20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006
PBSS302NZ PHILIPS-PBSS302NZ Datasheet
102Kb / 14P
20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
PBSS4320X NXP-PBSS4320X Datasheet
202Kb / 12P
20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
PBSS4021NX NXP-PBSS4021NX Datasheet
257Kb / 14P
20 V, 7 A NPN low VCEsat (BISS) transistor
11 December 2012
PBSS4320X PHILIPS-PBSS4320X_15 Datasheet
214Kb / 12P
NPN low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 03
2PD2150_15 PHILIPS-2PD2150_15_15 Datasheet
143Kb / 13P
20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com