Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A96 Datasheet (PDF) - Texas Instruments

TPS7A96 Datasheet PDF - Texas Instruments
Part # TPS7A96
Download  TPS7A96 Download
File Size   3282.32 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A96 2-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator

TPS7A96 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A96 Datasheet PDF - Texas Instruments

Part # TPS7A96
Download  TPS7A96 Click to download

File Size   3282.32 Kbytes
Page   53 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7A96 2-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator

TPS7A96 Datasheet (HTML) - Texas Instruments


TPS7A96 Product details

1 Features
• Ultra-low output noise:
– 0.46 μVRMS (typ, 10 Hz to 100 kHz)
• High power-supply ripple rejection (PSRR):
– 102 dB at 100Hz
– 110 dB at 1 kHz
– 95 dB at 10 kHz
– 78 dB at 100 kHz
– 50 dB at 1 MHz
• Accuracy over line, load, and temperature: 1%
• Low dropout: 150 mV at 1 A
• Wide input voltage range: 1.9 V to 5.7 V
• Wide output voltage range: 0 V to 5.5 V
• Parallelable for lower noise and higher current
• Fast transient response
• Precision enable and UVLO
• Programmable current limit
• Programmable PG threshold
• Adjustable start-up inrush control
• Open-drain, power-good (PG) output
• Package: 3.00-mm × 3.00-mm, 10-pin WSON:
– JEDEC RθJA: 46.1°C/W
– EVM RθJA: 25.6°C/W

2 Applications
• Macro remote radio units (RRU)
• Outdoor backhaul units
• Active antenna system mMIMO (AAS)
• Ultrasound scanners
• Lab and field instrumentation
• Sensor, imaging, and radar

3 Description
The TPS7A96 is an ultra-low noise (0.46 μVRMS), lowdropout
(LDO) voltage regulator capable of sourcing
2 A with only 200 mV of dropout. The low dropout,
in conjunction with a wide bandwidth error amplifier,
allows for very high PSRR (110 dB at 1 kHz and
50 dB at 1 MHz) under low operating headroom
(500 mV) and high output current (1.75 A).
The device output is adjustable from 0 V to
5.5 V with an external resistor. With the wide
input voltage range, the device supports operation
as low as 1.9 V and up to 5.7 V. The device
includes a programmable current limit, programmable
PG threshold, and precision enable, allowing better
control in the application.
With the high-accuracy reference and wide-bandwidth
topology, the device can be easily paralleled to
achieve lower noise and higher current.
With 1% output voltage accuracy (over line, load,
and temperature) and soft-start capabilities to reduce
inrush current, the device is designed for powering
sensitive analog low-voltage devices.




Similar Part No. - TPS7A96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A96 TI1-TPS7A96 Datasheet
3Mb / 59P
TPS7A96 2-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator
REVISED JULY 2023
TPS7A9601DSCR TI1-TPS7A9601DSCR Datasheet
3Mb / 59P
TPS7A96 2-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator
REVISED JULY 2023
TPS7A96 TI1-TPS7A96_V01 Datasheet
3Mb / 59P
TPS7A96 2-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator
REVISED JULY 2023
More results


Similar Description - TPS7A96

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
logo
Asahi Kasei Microsystem...
AK1110AEU AKM-AK1110AEU_17 Datasheet
1Mb / 19P
2ch Output, Ultra High PSRR, Ultra Low Noise LDO Regulator
logo
Leshan Radio Company
LR6200 LRC-LR6200 Datasheet
577Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6205 LRC-LR6205 Datasheet
518Kb / 11P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
logo
ACE Technology Co., LTD...
ACE5024D ACE-ACE5024D Datasheet
644Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
logo
Texas Instruments
TPS7A94 TI-TPS7A94 Datasheet
2Mb / 40P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator
SEPTEMBER 2021
TPS7A94 TI-TPS7A94_V01 Datasheet
4Mb / 62P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator
REVISED MAY 2022
TPS7A96 TI1-TPS7A96_V01 Datasheet
3Mb / 59P
TPS7A96 2-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator
REVISED JULY 2023
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com