Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1407504 Datasheet (PDF) - PHOENIX CONTACT

1407504 Datasheet PDF - PHOENIX CONTACT
Part # 1407504
Download  1407504 Download
File Size   647.06 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-FSBPYS-OE-94H/0,5 SCO - Device connector, rear mounting

1407504 Datasheet (PDF)

Go To PDF Page Download Datasheet
1407504 Datasheet PDF - PHOENIX CONTACT

Part # 1407504
Download  1407504 Click to download

File Size   647.06 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description VS-FSBPYS-OE-94H/0,5 SCO - Device connector, rear mounting

1407504 Datasheet (HTML) - PHOENIX CONTACT


1407504 Product details

Device connector, rear mounting, Ethernet hybrid CAT5 (IEC 11801:2002) (100 Mbps) CAT5
(100 Mbps), 8-position, Flush-type female connector, straight, M12-SPEEDCON, coding: Y , on
free cable end, Rear mounting, M16 x 1.5, Hybrid cable, cable length: 0.5 m, Alternative product
in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1238749

Your advantages
• Pre-assembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Cable designs for all common networks and fieldbuses
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1407504

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407500 PHOENIX-1407500 Datasheet
679Kb / 18P
Network cable - NBC-M12MSD/ 2,0-93B/R4AC
logo
Turck, Inc.
1407500 TURCK-1407500 Datasheet
313Kb / 2P
Inductive Sensor – Ring Sensor
11/07/2023
logo
PHOENIX CONTACT
1407501 PHOENIX-1407501 Datasheet
681Kb / 19P
Network cable - NBC-M12MSD/ 5,0-93B/R4AC
Jan 11, 2023
1407502 PHOENIX-1407502 Datasheet
193Kb / 13P
Network cable - NBC-MSD/10,0-93B/R4AC SCO
09/11/2020
1407503 PHOENIX-1407503 Datasheet
73Kb / 4P
Flush-type socket - SACC-DSI-FSY-8CON-M16-L180 SCO
More results


Similar Description - 1407504

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424135 PHOENIX-1424135 Datasheet
1,016Kb / 28P
Device connector, rear mounting - VS-FSBPXS-OE- 94F/0,5
1424148 PHOENIX-1424148 Datasheet
1,017Kb / 28P
Device connector, rear mounting - VS-FSBPXS-OE- 94F/1,0
1407505 PHOENIX-1407505 Datasheet
701Kb / 19P
Device connector, rear mounting - VS-FSBPYS-OE- 94H/1,0 SCO
1407506 PHOENIX-1407506 Datasheet
647Kb / 18P
VS-FSBPYS-OE-94H/2,0 SCO - Device connector, rear mounting
1419138 PHOENIX-1419138 Datasheet
517Kb / 13P
VS-MSDBPS-OE-93G-LI/0,5 - Device connector, rear mounting
1419158 PHOENIX-1419158 Datasheet
516Kb / 12P
VS-MSDBPS-OE-93K-LI/0,5 - Device connector, rear mounting
1238751 PHOENIX-1238751 Datasheet
641Kb / 17P
VS-FSBPYS-OE-94H/2,0 SCOX - Device connector, rear mounting
1419134 PHOENIX-1419134 Datasheet
444Kb / 12P
VS-FSDBPS-OE-93G-LI/0,5 - Device connector, rear mounting
1419154 PHOENIX-1419154 Datasheet
440Kb / 10P
VS-FSDBPS-OE-93K-LI/0,5 - Device connector, rear mounting
1238752 PHOENIX-1238752 Datasheet
639Kb / 17P
VS-FSBPYS-OE-94H/5,0 SCOX - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com