Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMH400UNE Datasheet (PDF) - Nexperia B.V. All rights reserved

PMH400UNE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMH400UNE
Download  PMH400UNE Download
File Size   273.74 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, N-channel Trench MOSFET

PMH400UNE Datasheet (PDF)

Go To PDF Page Download Datasheet
PMH400UNE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMH400UNE
Download  PMH400UNE Click to download

File Size   273.74 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, N-channel Trench MOSFET

PMH400UNE Datasheet (HTML) - Nexperia B.V. All rights reserved


PMH400UNE Product details

description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN0606-3
(SOT8001) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

Features
• Low threshold voltage
• Very fast switching
• Trench MOSFET technology
• ElectroStatic Discharge (ESD) protection up to 1.7 kV HBM
• Leadless ultra small and ultra thin SMD plastic package: 0.62 × 0.62 × 0.37 mm

Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits




Similar Part No. - PMH400UNE

ManufacturerPart #DatasheetDescription
logo
Make-Ps
PMH-0505SH30Z MAKE-PS-PMH-0505SH30Z Datasheet
884Kb / 4P
1 Watt | DC-DC Converter
PMH-0505SH40Z MAKE-PS-PMH-0505SH40Z Datasheet
884Kb / 4P
1 Watt | DC-DC Converter
PMH-0505SH52Z MAKE-PS-PMH-0505SH52Z Datasheet
884Kb / 4P
1 Watt | DC-DC Converter
PMH-0505SH60Z MAKE-PS-PMH-0505SH60Z Datasheet
884Kb / 4P
1 Watt | DC-DC Converter
PMH-0505SZ MAKE-PS-PMH-0505SZ Datasheet
884Kb / 4P
1 Watt | DC-DC Converter
More results


Similar Description - PMH400UNE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
30 V N-channel Trench MOSFET
14 January 2014
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
30 V, N-channel Trench MOSFET
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
30 V, N-channel Trench MOSFET
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
30 V, N-channel Trench MOSFET
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
30 V, N-channel Trench MOSFET
7 July 2020
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
30 V, N-channel Trench MOSFET
12 April 2019
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
30 V, N-channel Trench MOSFET
29 April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com