Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69897VP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M69897VP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M69897VP
Download  M69897VP Download
File Size   61.18 Kbytes
Page   10 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 16:1 2.488 Gbps Multiplexer

M69897VP Datasheet (PDF)

Go To PDF Page Download Datasheet
M69897VP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M69897VP
Download  M69897VP Click to download

File Size   61.18 Kbytes
Page   10 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 16:1 2.488 Gbps Multiplexer

M69897VP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M69897VP Product details

DESCRIPTION
The M69897VP multiplexer chip is an integrated serialization SONET OC-48 (2.488 Gbps) interface device. The chip performs parallel-to-serial functions in conformance with SONET/SDH transmission standards. The device is suitable for SONET-based ATM applications.
The merits of SOI (Silicon-On-Insulator) technology, such as low voltage operation, low substrate noise and good compatibility with standard CMOS technology, are fully utilized in the chip design to achieve low jitter and low power operation and small package outline of 64-pin PQFP.

FEATURES
- Single 1.8 V power supply
- Supports 2.488 Gbps (OC-48, STM-16)
- 16-bit single-ended PECL interface
- On-chip high-frequency PLL for clock generation
- 155.52 MHz reference frequency
- Low power consumption
- Available in 64 PQFP
- Parity check function

APPLICATIONS
- SONET/SDH systems
- Fiber optic systems
- High-speed back plane interconnect and point-to-point data links




Similar Part No. - M69897VP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M69899VP MITSUBISHI-M69899VP Datasheet
421Kb / 7P
16:1 2.488 Gbps Demultiplexer(with Differential Output)
More results


Similar Description - M69897VP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M69899VP MITSUBISHI-M69899VP Datasheet
421Kb / 7P
16:1 2.488 Gbps Demultiplexer(with Differential Output)
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164 Datasheet
98Kb / 4P
16:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E164 MICREL-SY10E164 Datasheet
58Kb / 4P
16:1 MULTIPLEXER
logo
Vitesse Semiconductor C...
SC8164 VITESSE-SC8164 Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
logo
National Semiconductor ...
DM74LS450 NSC-DM74LS450 Datasheet
128Kb / 6P
16:1 Multiplexer
logo
Exar Corporation
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_06 Datasheet
125Kb / 9P
5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10E164 MICREL-SY10E164_06 Datasheet
59Kb / 4P
16:1 MULTIPLEXER
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Optoway Technology Inc
LT-94C73C-P1G OPTOWAY-LT-94C73C-P1G Datasheet
243Kb / 6P
3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com