Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

748422245 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

748422245 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 748422245
Download  748422245 Download
File Size   570.31 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-BAL Multilayer Chip Balun

748422245 Datasheet (PDF)

Go To PDF Page Download Datasheet
748422245 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 748422245
Download  748422245 Click to download

File Size   570.31 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-BAL Multilayer Chip Balun

748422245 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


748422245 Product details

It is recommended that the temperature of the component does not exceed +85°C under worst
case conditions
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Operating Temperature -40 up to +85 °C
Moisture Sensitivity Level (MSL) 1
Test Board 748421EB3
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently
General Information:




Similar Part No. - 748422245

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7484212300 WURTH-7484212300 Datasheet
988Kb / 9P
WE-BAL Multilayer Chip Balun
001.000
748421245 WURTH-748421245 Datasheet
209Kb / 4P
Spezifikation f체r Freigabe / specification for release
7484212450 WURTH-7484212450 Datasheet
997Kb / 9P
WE-BAL Multilayer Chip Balun
001.000
748421551 WURTH-748421551 Datasheet
210Kb / 4P
Chip-Balun WE-BAL
7484215510 WURTH-7484215510 Datasheet
938Kb / 8P
WE-BAL Multilayer Chip Balun
001.000
More results


Similar Description - 748422245

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCB21 ABRACON-AMCB21 Datasheet
187Kb / 2P
MULTILAYER CHIP BALUN
10.23.07
logo
STMicroelectronics
AN4315 STMICROELECTRONICS-AN4315 Datasheet
703Kb / 10P
BAL-NRF02D3 matched balun with integrated harmonics filter
05-Sep-2013
logo
TDK Electronics
HHM1522B1 TDK-HHM1522B1_15 Datasheet
69Kb / 6P
Multilayer Balun
HHM1526 TDK-HHM1526_15 Datasheet
69Kb / 6P
Multilayer Balun
HHM1545 TDK-HHM1545 Datasheet
68Kb / 6P
Multilayer Balun
logo
Wurth Elektronik GmbH &...
748411245 WURTH-748411245 Datasheet
165Kb / 4P
Chip-Balun WE-BAL
748412245 WURTH-748412245 Datasheet
186Kb / 4P
Chip-Balun WE-BAL
748415245 WURTH-748415245 Datasheet
200Kb / 4P
Chip-Balun WE-BAL
748421551 WURTH-748421551 Datasheet
210Kb / 4P
Chip-Balun WE-BAL
748425245 WURTH-748425245 Datasheet
204Kb / 4P
Chip-Balun WE-BAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com