Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHR Datasheet (PDF) - Cornell Dubilier Electronics

NHR Datasheet PDF - Cornell Dubilier Electronics
Part # NHR
Download  NHR Download
File Size   1241.97 Kbytes
Page   7 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description Type NHR – SlimpackTM, 3000 hr@150 ºC, Aluminum Electrolytic

NHR Datasheet (PDF)

Go To PDF Page Download Datasheet
NHR Datasheet PDF - Cornell Dubilier Electronics

Part # NHR
Download  NHR Click to download

File Size   1241.97 Kbytes
Page   7 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description Type NHR – SlimpackTM, 3000 hr@150 ºC, Aluminum Electrolytic

NHR Datasheet (HTML) - Cornell Dubilier Electronics


NHR Product details

Featuring high capacitance at high voltage and temperature, Type NHR-SlimpackTM offers considerable size and cost advantages over series-parallel banks of wet tantalum capacitors. Their applications in down-hole tools, military, and aerospace allow for solutions that use fewer components, lower weight, lower cost and improved reliability compared with banks of wet tantalum capacitors. Their rugged construction withstands vibration up to 80g.

•Alternative to banks of wet tantalum capacitors
•No voltage derating required at 150 °C
•Rugged, stainless steel case
•Near hermetic seal, prevents dry-out
•Just 0.5” in height, by 1.0” wide (available in 4 lengths)
•High capacitance retention at low voltage, -55 °C
Highlights




Similar Part No. - NHR

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
NHR-06H0-30F6-XX.XX ULTI-MATE-NHR-06H0-30F6-XX.XX Datasheet
124Kb / 1P
NANO HERMAPHRODITIC CONNECTOR ASSEMBLY, NHR-06H0-30F6-XX.XX
12/30/19
logo
Riedon Powertron
NHR2-T220 RIEDON-NHR2-T220 Datasheet
371Kb / 3P
Power Resistors
NHR2-T220 RIEDON-NHR2-T220 Datasheet
209Kb / 3P
Power Resistors
NHR2-T221 RIEDON-NHR2-T221 Datasheet
371Kb / 3P
Power Resistors
NHR2-T221 RIEDON-NHR2-T221 Datasheet
209Kb / 3P
Power Resistors
More results


Similar Description - NHR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
logo
Suntan Capacitors
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Illinois Capacitor, Inc...
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
HR-AAAU ETC2-HR-AAAU Datasheet
29Kb / 1P
Cell Type HR-AAAU
HR-AAU ETC2-HR-AAU Datasheet
33Kb / 1P
Cell Type HR-AAU
logo
Sanyo Semicon Device
HR-4U-800F2X3 SANYO-HR-4U-800F2X3 Datasheet
61Kb / 1P
Cell Type HR-4U
logo
Advanced Semiconductor ...
ASX620 ASB-ASX620_17 Datasheet
1,007Kb / 10P
150 ~ 3000 MHz MMIC Amplifier
February 2017
logo
Panasonic Semiconductor
EEEFK0J352SQ PANASONIC-EEEFK0J352SQ Datasheet
57Kb / 2P
Aluminum Electrolytic Capacitors (SMD Type)
EEE-1VA101XAP PANASONIC-EEE-1VA101XAP Datasheet
65Kb / 3P
Aluminum Electrolytic Capacitors (SMD Type)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com