Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX8850S-Q_SER Datasheet (PDF) - Nexperia B.V. All rights reserved

BZX8850S-Q_SER Datasheet PDF - Nexperia B.V. All rights reserved
Part # BZX8850S-Q_SER
Download  BZX8850S-Q_SER Download
File Size   258.09 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-current voltage regulator diodes

BZX8850S-Q_SER Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX8850S-Q_SER Datasheet PDF - Nexperia B.V. All rights reserved

Part # BZX8850S-Q_SER
Download  BZX8850S-Q_SER Click to download

File Size   258.09 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-current voltage regulator diodes

BZX8850S-Q_SER Datasheet (HTML) - Nexperia B.V. All rights reserved


BZX8850S-Q_SER Product details

1. General description
Low-current voltage regulator diodes in an ultra small SOD882BD (DFN1006BD-2) leadless
Surface-Mounted Device (SMD) plastic package with side-wettable flanks.

2. Features and benefits
• Total power dissipation: ≤ 365 mW
• Tolerance series: approximately ± 5 %
• Working voltage range: nominal 1.8 V to 75 V
• Specified at a low test current (50 μA), ideal for low bias and portable battery-powered
applications
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low-current general regulation functions




Similar Part No. - BZX8850S-Q_SER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZX8850S-C10 NEXPERIA-BZX8850S-C10 Datasheet
257Kb / 11P
Low-current voltage regulator diodes
Rev. 1 - 25 August 2021
BZX8850S-C11 NEXPERIA-BZX8850S-C11 Datasheet
257Kb / 11P
Low-current voltage regulator diodes
Rev. 1 - 25 August 2021
BZX8850S-C12 NEXPERIA-BZX8850S-C12 Datasheet
257Kb / 11P
Low-current voltage regulator diodes
Rev. 1 - 25 August 2021
BZX8850S-C13 NEXPERIA-BZX8850S-C13 Datasheet
257Kb / 11P
Low-current voltage regulator diodes
Rev. 1 - 25 August 2021
BZX8850S-C15 NEXPERIA-BZX8850S-C15 Datasheet
257Kb / 11P
Low-current voltage regulator diodes
Rev. 1 - 25 August 2021
More results


Similar Description - BZX8850S-Q_SER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZX38450-Q_SER NEXPERIA-BZX38450-Q_SER Datasheet
235Kb / 10P
Low-current voltage regulator diodes
Rev. 3 - 18 January 2023
BZX58550-Q_SER NEXPERIA-BZX58550-Q_SER Datasheet
222Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 17 January 2023
BZX8450-Q_SER NEXPERIA-BZX8450-Q_SER Datasheet
237Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
PLVA6XXA_SER NEXPERIA-PLVA6XXA_SER Datasheet
223Kb / 10P
Low-voltage avalanche regulator diodes
Rev. 4 - 1 January 2023
PLVA6XXA-Q_SER NEXPERIA-PLVA6XXA-Q_SER Datasheet
206Kb / 10P
Low-voltage avalanche regulator diodes
Rev. 1 - 12 May 2022
BZX8450 NEXPERIA-BZX8450 Datasheet
236Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
BZX38450_SER NEXPERIA-BZX38450_SER Datasheet
234Kb / 10P
Low-current voltage regulator diodes
Rev. 3 - 18 January 2023
BZX58550_SER NEXPERIA-BZX58550_SER Datasheet
221Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
BZX8450_SER NEXPERIA-BZX8450_SER Datasheet
236Kb / 10P
Low-current voltage regulator diodes
Rev. 2 - 18 January 2023
BZX8850S_SER NEXPERIA-BZX8850S_SER Datasheet
257Kb / 11P
Low-current voltage regulator diodes
Rev. 1 - 25 August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com