Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NXB0102-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

NXB0102-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NXB0102-Q100
Download  NXB0102-Q100 Download
File Size   308.6 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply translating transceiver; auto direction sensing; 3-state

NXB0102-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NXB0102-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NXB0102-Q100
Download  NXB0102-Q100 Click to download

File Size   308.6 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply translating transceiver; auto direction sensing; 3-state

NXB0102-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


NXB0102-Q100 Product details

1. General description
The NXB0102-Q100 is a 2-bit, dual supply translating transceiver with auto direction sensing, that
enables bidirectional voltage level translation. It features two 2-bit input-output ports (An and Bn),
one output enable input (OE) and two supply pins (VCC(A) and VCC(B)). VCC(A) can be supplied at
any voltage between 1.2 V and 3.6 V and VCC(B) can be supplied at any voltage between 1.65 V
and 5.5 V, making the device suitable for translating between any of the low voltage nodes (1.2 V,
1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V). Pins An and OE are referenced to VCC(A) and pins Bn are
referenced to VCC(B). A LOW level at pin OE causes the outputs to assume a high-impedance
OFF-state. This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device when it
is powered down.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range:
• VCC(A): 1.2 V to 3.6 V and VCC(B): 1.65 V to 5.5 V
• IOFF circuitry provides partial Power-down mode operation
• Inputs accept voltages up to 5.5 V
• ESD protection:
• HBM: ANSI/ESDA/Jedec JS-001 Class 2 exceeds 2.5 kV for A port
• HBM: ANSI/ESDA/Jedec JS-001 Class 3B exceeds 15 kV for B port
• CDM: ANSI/ESDA/Jedec JS-002 Class C3 exceeds 1.5 kV
• Latch-up performance exceeds 100 mA per JESD 78B Class II




Similar Part No. - NXB0102-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
NXB0102DC NEXPERIA-NXB0102DC Datasheet
338Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
NXB0102GT NEXPERIA-NXB0102GT Datasheet
338Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
NXB0102UN NEXPERIA-NXB0102UN Datasheet
338Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
More results


Similar Description - NXB0102-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTBA104 PHILIPS-NTBA104_15 Datasheet
515Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2-22 May 2012
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
NXB0108 NEXPERIA-NXB0108 Datasheet
322Kb / 21P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 3 November 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com