Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70227SRH Datasheet (PDF) - Renesas Technology Corp

ISL70227SRH Datasheet PDF - Renesas Technology Corp
Part # ISL70227SRH
Download  ISL70227SRH Download
File Size   1148.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 36V Radiation Hardened Dual Precision Operational Amplifier

ISL70227SRH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70227SRH Datasheet PDF - Renesas Technology Corp

Part # ISL70227SRH
Download  ISL70227SRH Click to download

File Size   1148.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 36V Radiation Hardened Dual Precision Operational Amplifier

ISL70227SRH Datasheet (HTML) - Renesas Technology Corp


ISL70227SRH Product details

Features
• Wide supply range . . . . . . . . . . . . . . . . . . . . 4.5V to 36V max.
• Very low voltage noise . . . . . . . . . . . . . . . . . . . 2.5nV/√Hz, typ.
• Gain-bandwidth product. . . . . . . . . . . . . . . . . . . . . . . . . 10MHz
• Superb offset drift . . . . . . . . . . . . . . . . . . . . . . . .1μV/°C, max
• Operating temperature range. . . . . . . . . . . . . -55°C to +125°
• Low input voltage offset . . . . . . . . . . . . . . . . . . . . . . 10μV, typ.
• Input bias current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1nA, typ.
• Unity gain stable
• No phase reversal
• Radiation tolerance
- High dose rate . . . . . . . . . . . . . . . . . . . . . . . . . . 100krad(Si)
- SEB LETTH (VS = ±18V). . . . . . . . . . . . . . 86.4MeV/mg/cm2
- SEL immune (SOI process)
Related Literature
• AN1669, “ISL70227SRH Evaluation Board User’s Guide”
• AN1756, “Single Events Effects Testing of the
ISL70227SRH, Dual 36V Rad Hard Precision Operational
Amplifiers”




Similar Part No. - ISL70227SRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
ISL70227SRHF INTERSIL-ISL70227SRHF Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
ISL70227SRHMF INTERSIL-ISL70227SRHMF Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
ISL70227SRHMX INTERSIL-ISL70227SRHMX Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
ISL70227SRHX INTERSIL-ISL70227SRHX Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
More results


Similar Description - ISL70227SRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2510RH INTERSIL-HS-2510RH Datasheet
86Kb / 7P
Radiation Hardened High Slew Rate Operational Amplifier
August 1999
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
1999 08
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
August 2001
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
ISL70419SEH INTERSIL-ISL70419SEH Datasheet
1Mb / 22P
Radiation Hardened 36V Quad Precision Low Power Operational Amplifier With Enhanced SET Performance
July 11, 2014
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
Radiation Hardened High-Precision Operational Amplifier
logo
Renesas Technology Corp
ISL70218SEH RENESAS-ISL70218SEH Datasheet
918Kb / 23P
Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70419SEH RENESAS-ISL70419SEH Datasheet
1Mb / 23P
Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com