Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMR265X Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

TMR265X Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # TMR265X
Download  TMR265X Download
File Size   505.4 Kbytes
Page   8 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description High Frequency Response Programmable TMR Linear Magnetic Sensor

TMR265X Datasheet (PDF)

Go To PDF Page Download Datasheet
TMR265X Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # TMR265X
Download  TMR265X Click to download

File Size   505.4 Kbytes
Page   8 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description High Frequency Response Programmable TMR Linear Magnetic Sensor

TMR265X Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


TMR265X Product details

Description
The TMR265x is a tunneling magnetoresistance (TMR)
linear sensor with a dedicated signal conditioning
circuit built in. The integrated signal conditioning
circuit of TMR265x is able to calibrate zero offset,
gain, temperature coefficient of sensitivity (TCS) and
temperature coefficient of zero offset (TCO) of the
TMR bridge circuit, and outputs the conditioned voltage
signals.
In addition to TMR’s intrinsic advantages of high
resolution, high signal-to-noise ratio, and low power
consumption, TMR265x series linear sensors also
provide the following characteristics:
1. Fixed voltage output range in linear range
2. Excellent sensitivity consistency
3. Minimal zero drift
4. Low temperature coefficient of sensitivity
5. Low temperature coefficient of offset
This improvement greatly enhances the convenience
of design and use of TMR linear sensor products.
The TMR265x linear magnetic sensor is available in
DFN6L (3 mm × 2 mm × 0.75mm) package with P/N
of TMR2651D and TMR2652D.

Features and Benefits
•• Tunneling magnetoresistance (TMR) technology
•• High frequency response: DC to 2 MHz
•• Large dynamic range: TMR2651D: ±1000 Gs
TMR2652D: ±500 Gs
••Wide range supply voltages: 3 V to 5.5 V
•• Nonlinearity: 0.2%
•• Programmable sensitivity and zero offset
•• Programmable temperature compensation
•• RoHS & REACH compliant

Applications
•• Current sensor
•• Linear position sensor
•• Gaussmeter
•• Encoder




Similar Part No. - TMR265X

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR2651D MULTIDIMENSION-TMR2651D Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR2652D MULTIDIMENSION-TMR2652D Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
More results


Similar Description - TMR265X

ManufacturerPart #DatasheetDescription
logo
Nanjing Ouzhuo Technolo...
MMLP57F OHHALLSENSOR-MMLP57F Datasheet
275Kb / 3P
TMR Linear Sensor
logo
American Electronic Com...
TMR2001 AEC-TMR2001 Datasheet
410Kb / 4P
TMR Linear Sensor
logo
MultiDimension Technolo...
TMR1102 MULTIDIMENSION-TMR1102 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0.1
TMR1148 MULTIDIMENSION-TMR1148 Datasheet
1Mb / 8P
MicroAmpere High Frequency Response Unipolar Magnetic Switch Sensor
Version 2.0
TMR2001 MULTIDIMENSION-TMR2001 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
TMR2003 MULTIDIMENSION-TMR2003 Datasheet
453Kb / 4P
TMR Linear Sensor
V1.0a
TMR2083 MULTIDIMENSION-TMR2083 Datasheet
481Kb / 6P
TMR Linear Magnetic Sensor
Version 1.0
TMR2185 MULTIDIMENSION-TMR2185 Datasheet
701Kb / 7P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR2651D MULTIDIMENSION-TMR2651D Datasheet
505Kb / 8P
High Frequency Response Programmable TMR Linear Magnetic Sensor
Version 2.0
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com