| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
ISL71090SEH25
|
388Kb / 10P |
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
June 6, 2013 |
|
ISL71090SEH12
|
408Kb / 10P |
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
June 26, 2013 |
|
ISL71091SEH10
|
1Mb / 16P |
10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016 |
|
ISL71091SEH20
|
1Mb / 16P |
2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016 |
|
ISL71091SEH33
|
1Mb / 16P |
3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016 |
|
ISL71090SEH50
|
391Kb / 13P |
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 15, 2016 |
 Renesas Technology Corp |
ISL71090SEH12
|
588Kb / 14P |
1.25V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022 |
|
ISL71090SEH25
|
498Kb / 14P |
2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022 |
|
ISL71090SEH50
|
495Kb / 14P |
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021 |
|
ISL71090SEH75
|
488Kb / 14P |
7.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
January 21, 2022 |