Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN033-100HL Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN033-100HL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN033-100HL
Download  PSMN033-100HL Download
File Size   337.57 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 100 V, 31 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology

PSMN033-100HL Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN033-100HL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN033-100HL
Download  PSMN033-100HL Click to download

File Size   337.57 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description N-channel 100 V, 31 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology

PSMN033-100HL Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN033-100HL Product details

General description
Dual logic level N-channel MOSFET in an LFPAK56D (Dual Power-SO8) package using
TrenchMOS technology.

Features and benefits
• High peak drain current IDM
• Copper clip and flexible Leads
• High operating junction temperature Tj = 175 °C
• Superior reliability
• Low body diode reverse recovery charge Qr

Applications
• Synchronous rectifier
• Forward and flyback converter
• Industrial drive
• Power management system
• Uninterruptible Power Supply (UPS)




Similar Part No. - PSMN033-100HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN030-150B PHILIPS-PSMN030-150B Datasheet
103Kb / 9P
N-channel TrenchMOS transistor
December 2000 Rev 1.000
PSMN030-150B NXP-PSMN030-150B Datasheet
174Kb / 12P
N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-13 December 2010
logo
Nexperia B.V. All right...
PSMN030-150B NEXPERIA-PSMN030-150B Datasheet
831Kb / 12P
N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 13 December 2010
logo
Inchange Semiconductor ...
PSMN030-150B ISC-PSMN030-150B Datasheet
348Kb / 2P
isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
PSMN030-150B NXP-PSMN030-150B_10 Datasheet
174Kb / 12P
N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-13 December 2010
More results


Similar Description - PSMN033-100HL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN011-60HL NEXPERIA-PSMN011-60HL Datasheet
280Kb / 12P
N-channel 60 V, 11.5 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
PSMN013-60HL NEXPERIA-PSMN013-60HL Datasheet
283Kb / 12P
N-channel 60 V, 12.5 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
PSMN013-60HS NEXPERIA-PSMN013-60HS Datasheet
281Kb / 12P
N-channel 60 V, 10 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN025-100HS NEXPERIA-PSMN025-100HS Datasheet
277Kb / 12P
N-channel 100 V, 24.5 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN028-100HS NEXPERIA-PSMN028-100HS Datasheet
276Kb / 12P
N-channel 100 V, 27.5 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN029-100HL NEXPERIA-PSMN029-100HL Datasheet
303Kb / 12P
N-channel 100 V, 29 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN038-100HS NEXPERIA-PSMN038-100HS Datasheet
281Kb / 12P
N-channel 100 V, 37.6 mOhm, standard level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN045-100HL NEXPERIA-PSMN045-100HL Datasheet
297Kb / 12P
N-channel 100 V, 45 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
26 September 2022
PSMN6R1-40HL NEXPERIA-PSMN6R1-40HL Datasheet
340Kb / 12P
N-channel 40 V, 7.2 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
PSMN8R0-40HL NEXPERIA-PSMN8R0-40HL Datasheet
345Kb / 12P
N-channel 40 V, 9.4 mOhm, logic level MOSFET in LFPAK56D using TrenchMOS technology
30 September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com