Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD27VV2BT Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD27VV2BT Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD27VV2BT
Download  PESD27VV2BT Download
File Size   268.08 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bidirectional double ESD protection diode

PESD27VV2BT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD27VV2BT Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD27VV2BT
Download  PESD27VV2BT Click to download

File Size   268.08 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bidirectional double ESD protection diode

PESD27VV2BT Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD27VV2BT Product details

1. General description
Bidirectional double ElectroStatic Discharge (ESD) protection diode in a small SOT23 (TO-236AB)
Surface-Mounted Device (SMD) plastic package designed to protect two data lines from the
damage caused by ESD and other transients.

2. Features and benefits
• Reverse stand-off voltage: VRWM = 27 V
• Low clamping voltage: VCL = 36 V at IPP = 3 A
• ESD protection up to 30 kV (IEC 61000-4-2)
• Ultra low leakage current: IRM < 1 nA
• AEC-Q101 qualified

3. Applications
ESD protection for low-speed interfaces in automotive, communication, consumer and computing
devices.




Similar Part No. - PESD27VV2BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD27VV2BT NEXPERIA-PESD27VV2BT Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PESD27VV2BT NEXPERIA-PESD27VV2BT Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
PESD27VV2BT-Q NEXPERIA-PESD27VV2BT-Q Datasheet
268Kb / 11P
Bidirectional double ESD protection diode
22 May 2023
More results


Similar Description - PESD27VV2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S2BT NXP-PESD5V0S2BT Datasheet
91Kb / 12P
Low capacitance bidirectional double ESD protection diode
Rev. 03-9 February 2009
PESD5V0U2BT NXP-PESD5V0U2BT Datasheet
78Kb / 11P
Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
PESD5V0U2BT PHILIPS-PESD5V0U2BT Datasheet
78Kb / 11P
Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
logo
Nexperia B.V. All right...
PESD15VL2BT-Q NEXPERIA-PESD15VL2BT-Q Datasheet
233Kb / 11P
Low capacitance double bidirectional ESD protection diode
3 May 2022
PESD24VV2BT NEXPERIA-PESD24VV2BT Datasheet
273Kb / 11P
Bidirectional double ESD protection diode
25 June 2019
PESD5V0S2BT NEXPERIA-PESD5V0S2BT Datasheet
210Kb / 12P
Low capacitance bidirectional double ESD protection diode
23 August 2018
PESD5V0S2BT-Q NEXPERIA-PESD5V0S2BT-Q Datasheet
228Kb / 12P
Low capacitance bidirectional double ESD protection diode
24 April 2023
PESD5V0U2BT NEXPERIA-PESD5V0U2BT Datasheet
215Kb / 11P
Ultra low capacitance bidirectional double ESD protection diode
17 April 2023
PESD24VV2BT-Q NEXPERIA-PESD24VV2BT-Q Datasheet
273Kb / 11P
Bidirectional double ESD protection diode
22 May 2023
PESD27VV2BT-Q NEXPERIA-PESD27VV2BT-Q Datasheet
268Kb / 11P
Bidirectional double ESD protection diode
22 May 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com