Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG050T150EIPD Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG050T150EIPD Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG050T150EIPD
Download  PMEG050T150EIPD Download
File Size   249.73 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 15 A low VF Trench MEGA Schottky barrier rectifier

PMEG050T150EIPD Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG050T150EIPD Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG050T150EIPD
Download  PMEG050T150EIPD Click to download

File Size   249.73 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 15 A low VF Trench MEGA Schottky barrier rectifier

PMEG050T150EIPD Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG050T150EIPD Product details

1. General description
Trench Maximum Efficiency General Application (MEGA) Schottky barrier rectifier encapsulated in
a CFP15 (SOT1289) power and flat lead Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 15 A
• Reverse voltage: VR ≤ 50 V
• Low forward voltage
• Low leakage current due to Trench MEGA Schottky technology
• High power capability due to clip-bonding technology and heat sink
• Small and thin SMD plastic package, typical height 0.78 mm
• AEC-Q101 qualified

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Freewheeling application
• Reverse polarity protection
• Low power consumption application




Similar Part No. - PMEG050T150EIPD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG050T150EPD NEXPERIA-PMEG050T150EPD Datasheet
724Kb / 15P
50V, 15 A low VF Trench MEGA Schottky barrier rectifier
More results


Similar Description - PMEG050T150EIPD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG045V150EPD PHILIPS-PMEG045V150EPD_15 Datasheet
235Kb / 16P
45 V, 15 A low VF MEGA Schottky barrier rectifier
22 January 2015
PMEG050V150EPD PHILIPS-PMEG050V150EPD_15 Datasheet
234Kb / 15P
50 V, 15 A low VF MEGA Schottky barrier rectifier
4 December 2014
logo
Nexperia B.V. All right...
PMEG045V150EPD NEXPERIA-PMEG045V150EPD Datasheet
726Kb / 16P
45 V, 15 A low VF MEGA Schottky barrier rectifier
PMEG050V030EPD NEXPERIA-PMEG050V030EPD Datasheet
706Kb / 13P
50 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG050V150EPD NEXPERIA-PMEG050V150EPD Datasheet
719Kb / 15P
50 V, 15 A low VF MEGA Schottky barrier rectifier
PMEG045T150EIPD NEXPERIA-PMEG045T150EIPD Datasheet
230Kb / 12P
45 V, 15 A low VF Trench MEGA Schottky barrier rectifier
PMEG045T150EPD NEXPERIA-PMEG045T150EPD Datasheet
718Kb / 15P
45 V, 15 A low VF Trench MEGA Schottky barrier rectifier
PMEG45T15EPD NEXPERIA-PMEG45T15EPD Datasheet
693Kb / 13P
45 V, 15 A low VF Trench MEGA Schottky barrier rectifier
PMEG050T150EPD NEXPERIA-PMEG050T150EPD Datasheet
724Kb / 15P
50V, 15 A low VF Trench MEGA Schottky barrier rectifier
PMEG050V150EPE NEXPERIA-PMEG050V150EPE Datasheet
268Kb / 11P
50 V, 15 A low VF Schottky barrier rectifier
20 July 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com