Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRF2043 Datasheet (PDF) - Guerrilla RF, Inc.

GRF2043 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF2043
Download  GRF2043 Download
File Size   1757.57 Kbytes
Page   24 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Linear Gain Block with Bypass 0.15 to 6 GHz

GRF2043 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF2043 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF2043
Download  GRF2043 Click to download

File Size   1757.57 Kbytes
Page   24 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Linear Gain Block with Bypass 0.15 to 6 GHz

GRF2043 Datasheet (HTML) - Guerrilla RF, Inc.


GRF2043 Product details

FEATURES
Flexible Bias Voltage and Current
Process: GaAs pHEMT
Single Control Logic Input
Internally Matched to 50 Ω
Compact 1.5 x 1.5 mm DFN-6 Package
Reference: 5 V / 80 mA / 1.9 GHz
Gain: 18.5 dB
OP1dB: 22 dBm
OIP3: 36 dBm
Evaluation Board Noise Figure: 1.8 dB
Bypass Mode Gain: -1.5 dB
Bypass Mode OP1dB: 23 dBm
Bypass Mode OIP3: 45 dBm

APPLICATIONS
Cellular Repeaters and Signal Boosters
Cellular Infrastructure
VHF/UHF and ISM Radios




Similar Part No. - GRF2043

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2042 GUERRILLA-GRF2042 Datasheet
1Mb / 23P
Linear Gain Block with Bypass 0.15 to 6 GHz
April 21, 2023
More results


Similar Description - GRF2043

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2011 GUERRILLA-GRF2011 Datasheet
811Kb / 11P
Broadband Linear Gain Block 0.05 to 3.8 GHz
GRF2012 GUERRILLA-GRF2012 Datasheet
747Kb / 11P
Broadband Linear Gain Block 0.05 to 6.0 GHz
GRF2013 GUERRILLA-GRF2013 Datasheet
758Kb / 11P
Broadband Linear Gain Block 0.05 to 8.0 GHz
GRF2013-W GUERRILLA-GRF2013-W Datasheet
846Kb / 14P
Broadband Linear Gain Block 0.05 to 8.0 GHz
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
DC ??6 GHz Gain Block
June 25, 2020
logo
Guerrilla RF, Inc.
GRF2010 GUERRILLA-GRF2010 Datasheet
1Mb / 21P
BROADBAND LINEAR GAIN BLOCK 0.05 to 5 GHz
February 14, 2023
GRF2012W GUERRILLA-GRF2012W Datasheet
1Mb / 17P
BROADBAND LINEAR GAIN BLOCK 0.05 to 6 GHz
April 17, 2023
GRF2013W GUERRILLA-GRF2013W Datasheet
862Kb / 15P
Broadband Linear Gain Block 0.05 to 8.0 GHz
11/17/21
GRF2014 GUERRILLA-GRF2014 Datasheet
925Kb / 12P
Broadband Linear Gain Block 0.05 to 3.8 GHz
05/31/19
GRF2042 GUERRILLA-GRF2042 Datasheet
1Mb / 23P
Linear Gain Block with Bypass 0.15 to 6 GHz
April 21, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com