Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRF4003 Datasheet (PDF) - Guerrilla RF, Inc.

GRF4003 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF4003
Download  GRF4003 Download
File Size   990.58 Kbytes
Page   15 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Broadband LNA/Linear Driver 0.1—3.8 GHz

GRF4003 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF4003 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF4003
Download  GRF4003 Click to download

File Size   990.58 Kbytes
Page   15 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Broadband LNA/Linear Driver 0.1—3.8 GHz

GRF4003 Datasheet (HTML) - Guerrilla RF, Inc.


GRF4003 Product details

Features
Reference: 5V/95mA/2.5 GHz
• EVB NF: 0.85 dB
• Gain: 12.5 dB
• OP1dB: 25.0 dBm
• OIP3: 41.0 dBm
• Flexible Bias Voltage and Current
• Internally Matched to 50 Ω
• Process: GaAs pHEMT

Applications
• Linear Driver Amplifier
• Small Cells and Cellular Repeaters
• Distributed Antenna Systems
• First Stage LNA
• Microwave Backhaul




Similar Part No. - GRF4003

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF4001 GUERRILLA-GRF4001 Datasheet
987Kb / 13P
Broadband LNA/Linear Driver 0.1—6.0 GHz
10/01/19
GRF4002 GUERRILLA-GRF4002 Datasheet
976Kb / 15P
Broadband LNA/Linear Driver 0.1??.8 GHz
GRF4002-W GUERRILLA-GRF4002-W Datasheet
984Kb / 16P
LNA-Driver: SDARS/Compensator/GPS
GRF4002W GUERRILLA-GRF4002W Datasheet
1Mb / 17P
LINEAR DRIVER: SDARS / COMPENSATOR / GPS 0.1 to 3.8 GHz
March 29, 2023
GRF4004 GUERRILLA-GRF4004 Datasheet
894Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
More results


Similar Description - GRF4003

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF4002 GUERRILLA-GRF4002 Datasheet
976Kb / 15P
Broadband LNA/Linear Driver 0.1??.8 GHz
GRF4014-W GUERRILLA-GRF4014-W Datasheet
1Mb / 18P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
GRF4100 GUERRILLA-GRF4100 Datasheet
845Kb / 13P
Broadband Linear Driver 0.1??.8 GHz
GRF2114 GUERRILLA-GRF2114 Datasheet
964Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1 – 2.7 GHz
04/13/20
GRF4001 GUERRILLA-GRF4001 Datasheet
987Kb / 13P
Broadband LNA/Linear Driver 0.1—6.0 GHz
10/01/19
GRF4004 GUERRILLA-GRF4004 Datasheet
894Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4005 GUERRILLA-GRF4005 Datasheet
937Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4014 GUERRILLA-GRF4014 Datasheet
1Mb / 17P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
2/16/23
GRF4014W GUERRILLA-GRF4014W Datasheet
1Mb / 18P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
2/16/23
GRF2108 GUERRILLA-GRF2108 Datasheet
807Kb / 13P
Low-current LNA 0.1—3.8 GHz
08/13/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com