Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL72028BSEHVX Datasheet (PDF) - Renesas Technology Corp

ISL72028BSEHVX Datasheet PDF - Renesas Technology Corp
Part # ISL72028BSEHVX
Download  ISL72028BSEHVX Download
File Size   1027.75 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output

ISL72028BSEHVX Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL72028BSEHVX Datasheet PDF - Renesas Technology Corp

Part # ISL72028BSEHVX
Download  ISL72028BSEHVX Click to download

File Size   1027.75 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output

ISL72028BSEHVX Datasheet (HTML) - Renesas Technology Corp


ISL72028BSEHVX Product details

Features
• Electrically screened to SMD 5962-15228
• ESD protection on all pins. . . . . . . . . . . . . . . . . . . . . .4kV HBM
• Compatible with ISO11898-2
• Operating supply range . . . . . . . . . . . . . . . . . . . . . 3.0V to 3.6V
• Bus pin fault protection to ±20V
• Undervoltage lockout
• Cold spare: powered-down devices/nodes will not affect
active devices operating in parallel
• Three selectable driver rise and fall times
• Glitch free bus I/O during power-up and power-down
• Full fail-safe (open, short, terminated/undriven) receiver
• Hi-Z input allows for 120 nodes on the bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . . . up to 5Mbps
• Quiescent supply current . . . . . . . . . . . . . . . 7mA (maximum)
• Low-Power Shutdown mode . . . . . . . . . . . . 50μA (maximum)
• -7V to +12V common-mode input voltage range
• 5V tolerant logic inputs
• Thermal shutdown
• Acceptance tested to 75krad(Si) (LDR) wafer-by-wafer
• Radiation tolerance
- SEL/B immune to LETTH . . . . . . . . . . . . 86.4MeV•cm2/mg
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . .75krad(Si)
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 100krad(Si)




Similar Part No. - ISL72028BSEHVX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL72028ASEH RENESAS-ISL72028ASEH Datasheet
984Kb / 25P
3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
Jul 27, 2017
ISL72028ASEHEVAL1Z RENESAS-ISL72028ASEHEVAL1Z Datasheet
984Kb / 25P
3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
Jul 27, 2017
ISL72028ASEHF RENESAS-ISL72028ASEHF Datasheet
984Kb / 25P
3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
Jul 27, 2017
ISL72028ASEHVF RENESAS-ISL72028ASEHVF Datasheet
984Kb / 25P
3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
Jul 27, 2017
ISL72028ASEHVX RENESAS-ISL72028ASEHVX Datasheet
984Kb / 25P
3.3V Radiation Tolerant CAN Transceiver with Low Power Shutdown and Split Termination Output
Jul 27, 2017
More results


Similar Description - ISL72028BSEHVX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1054G INFINEON-IFX1054G Datasheet
1Mb / 21P
Fault Tolerant Low Speed CAN-Transceiver
Rev. 1.0, 2009-05-12
TLE6254-3G INFINEON-TLE6254-3G_07 Datasheet
471Kb / 26P
Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.1, Aug. 2007
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
ISL72027SEH INTERSIL-ISL72027SEH Datasheet
863Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
November 9, 2015
ISL72028SEH INTERSIL-ISL72028SEH Datasheet
846Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
logo
Renesas Technology Corp
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026SEH RENESAS-ISL72026SEH Datasheet
992Kb / 18P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
August 16, 2016
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
ISL72027SEH RENESAS-ISL72027SEH Datasheet
990Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
ISL72028SEH RENESAS-ISL72028SEH Datasheet
979Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
August 16, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com