Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73141SEH Datasheet (PDF) - Renesas Technology Corp

ISL73141SEH Datasheet PDF - Renesas Technology Corp
Part # ISL73141SEH
Download  ISL73141SEH Download
File Size   1184.89 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 14-Bit 1MSPS SAR ADC

ISL73141SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL73141SEH Datasheet PDF - Renesas Technology Corp

Part # ISL73141SEH
Download  ISL73141SEH Click to download

File Size   1184.89 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 14-Bit 1MSPS SAR ADC

ISL73141SEH Datasheet (HTML) - Renesas Technology Corp


ISL73141SEH Product details

Features
• 1Msps throughput rate with no data latency
• Excellent linearity: ±0.2 LSB DNL, ±0.5 LSB INL
• No missing codes
• Low noise: 82.1dB SNR
• 3.3V or 5V AVCC supply options
• Separate 2.2V to 3.6V digital I/O supply
• Low power: 60mW at 1Msps
○ AVCC = 5V, DVCC = 2.5V
• Power-down mode with <50μW power consumption
• High speed SPI-compatible serial I/O
• Full military temperature range operation
○ TA = -55°C to +125°C
• Radiation acceptance testing
○ LDR (0.01rad(Si)/s): 75krad(Si)
• SEE hardness (see SEE report for details)
○ No SEB/SEL LETTH (AVCC = 6.3V):
86MeV•cm2/mg
○ No SEFIs at LET 86MeV•cm2/mg
• Qualified to Renesas Rad Hard QML-V Equivalent
Screening and QCI flow (R34TB0001EU)
○ All screening and QCI is in accordance with
MIL-PRF- 38535L Class-V




Similar Part No. - ISL73141SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73141SEH RENESAS-ISL73141SEH Datasheet
1Mb / 30P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Mar 14, 2025
ISL73141SEH RENESAS-ISL73141SEH Datasheet
1Mb / 30P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Rev.5.04 Sep 18, 2025
ISL73141SEHF7 RENESAS-ISL73141SEHF7 Datasheet
1Mb / 30P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Mar 14, 2025
ISL73141SEHF7/PROTO RENESAS-ISL73141SEHF7/PROTO Datasheet
1Mb / 30P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Rev.5.04 Sep 18, 2025
ISL73141SEHF7EV1Z RENESAS-ISL73141SEHF7EV1Z Datasheet
1Mb / 30P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Mar 14, 2025
More results


Similar Description - ISL73141SEH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7484 AD-AD7484 Datasheet
155Kb / 12P
3MSPS, 14-Bit SAR ADC
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94dB SNR
logo
ams AG
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
16-Bit, 1Msps SAR ADC With 94dB SNR
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Linear Technology
LTC2335 LINER-LTC2335 Datasheet
5Mb / 10P
16-/18-Bit, Octal 1Msps, SAR ADC
logo
Maxim Integrated Produc...
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Renesas Technology Corp
ISL73148SEH RENESAS-ISL73148SEH Datasheet
1Mb / 59P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
Feb 23, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com