Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL75051SEH Datasheet (PDF) - Renesas Technology Corp

ISL75051SEH Datasheet PDF - Renesas Technology Corp
Part # ISL75051SEH
Download  ISL75051SEH Download
File Size   953.67 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3A, Radiation Hardened, Positive, Ultra-Low Dropout Regulator

ISL75051SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL75051SEH Datasheet PDF - Renesas Technology Corp

Part # ISL75051SEH
Download  ISL75051SEH Click to download

File Size   953.67 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3A, Radiation Hardened, Positive, Ultra-Low Dropout Regulator

ISL75051SEH Datasheet (HTML) - Renesas Technology Corp


ISL75051SEH Product details

Features
• DLA SMD 5962-11212
• Output current up to 3.0A at TJ = +150°C
• Output accuracy ±1.5% over MIL temperature range
• Ultra low dropout:
- 65mV (typical) dropout at 1.0A
- 225mV (typical) dropout at 3.0A
• SET mitigation with no added filtering/diodes
• Input supply range: 2.2V to 6.0V
• Fast load transient response
• Shutdown current of 1μA (typical)
• Output adjustable using external resistors
• PSRR 66dB (typical) at 1kHz
• Enable and PGood feature
• Programmable soft-start/inrush current limiting
• Over-temperature shutdown and programmable OCP limits
• Stable with 47μF min tantalum capacitor
• Radiation environment
- High dose rate (50-300rad(Si)/s) . . . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . 100krad(Si)*
*Product capability established by initial characterization. The
“EH” version is acceptance tested on a wafer-by-wafer basis to
50krad(Si) at low dose rate.




Similar Part No. - ISL75051SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL75051SEH INTERSIL-ISL75051SEH Datasheet
815Kb / 18P
3A, Rad Hard, Positive, Ultra Low Dropout Regulator
August 28, 2012
More results


Similar Description - ISL75051SEH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
3A Ultra Low Dropout Positive Voltage Regulator
TS39301 TSC-TS39301 Datasheet
273Kb / 7P
3A Ultra Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1085-XX IKSEMICON-IL1085-XX Datasheet
364Kb / 6P
3A LOW DROPOUT POSITIVE REGULATOR
logo
Silicon Standard Corp.
SS6085 SSC-SS6085 Datasheet
480Kb / 6P
3A Low Dropout Positive Regulator
logo
Intersil Corporation
ISL75051SRH INTERSIL-ISL75051SRH Datasheet
979Kb / 15P
3A, Rad Hard, Positive, Ultra Low Dropout Regulator
ISL75051SEH INTERSIL-ISL75051SEH Datasheet
815Kb / 18P
3A, Rad Hard, Positive, Ultra Low Dropout Regulator
August 28, 2012
logo
International Rectifier
IRUH3301A2AK IRF-IRUH3301A2AK_12 Datasheet
168Kb / 9P
Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
logo
Texas Instruments
TPS7H1101-SP TI1-TPS7H1101-SP_16 Datasheet
995Kb / 29P
Radiation-Hardened Ultra-Low Dropout (LDO) Regulator
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085_15 Datasheet
206Kb / 9P
3A Low Dropout Positive Regulator
logo
Renesas Technology Corp
ISL75051ASEH RENESAS-ISL75051ASEH Datasheet
1Mb / 22P
3A, Radiation Hardened, Positive, Ultra-Low Dropout Regulator
May 16, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com