Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL91212A Datasheet (PDF) - Renesas Technology Corp

ISL91212A Datasheet PDF - Renesas Technology Corp
Part # ISL91212A
Download  ISL91212A Download
File Size   2936.54 Kbytes
Page   52 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple/Quad Output PMIC with I2C Interface

ISL91212A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL91212A Datasheet PDF - Renesas Technology Corp

Part # ISL91212A
Download  ISL91212A Click to download

File Size   2936.54 Kbytes
Page   52 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple/Quad Output PMIC with I2C Interface

ISL91212A Datasheet (HTML) - Renesas Technology Corp


ISL91212A Product details

Features
• Triple output 2+1+1 phases (ISL91212A) or
quad output 1+1+1+1 single phase (ISL91212B)
• 2.5V to 5.5V supply voltage
• 5A per phase output current capability
• Small solution size (7x10mm2 for 4-phase design)
• High efficiency (94.7% for 3.8VIN/1.8VOUT)
• Low IQ in low power mode
• Patented control scheme reduces output capacitor and
supports fast load transient (such as 50A/μs per phase)
• ±0.7% system accuracy, remote voltage sensing
• Programmable PWM frequency from 2MHz to 6MHz
• I2C programmable output from 0.3V to 2V
• Independent Dynamic Voltage Scaling (DVS) for
each output
• Soft-start and fault detection (UV, OV, OC, OT),
short-circuit protection
• 2.551mmx3.67mm 35 ball WLCSP with 0.5mm pin
pitch
Applications
• Smartphones, AR/VR Glasses, Drones
• Optical Transceiver Modules
• Artificial Intelligence (AI) Processors
• Client/Enterprise/Data Center SSD, NAS




Similar Part No. - ISL91212A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91212A RENESAS-ISL91212A Datasheet
3Mb / 57P
Triple/Quad Output PMIC with SPI/I2C Interface
Mar 5, 2020
More results


Similar Description - ISL91212A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Exar Corporation
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
Quad Output Universal Customizable PMIC with PFM
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com