Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR2016 Datasheet (PDF) - Energizer

CR2016 Datasheet PDF - Energizer
Part # CR2016
Download  CR2016 Download
File Size   100.05 Kbytes
Page   2 Pages
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer
Description 3.0 Volts 1.9 grams (0.07 oz.) 0.5 cubic centimeters (0.03 cubic inch)

CR2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR2016 Datasheet PDF - Energizer

Part # CR2016
Download  CR2016 Click to download

File Size   100.05 Kbytes
Page   2 Pages
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer
Description 3.0 Volts 1.9 grams (0.07 oz.) 0.5 cubic centimeters (0.03 cubic inch)

CR2016 Datasheet (HTML) - Energizer


CR2016 Product details

ENERGIZER NO. CR2016

• Chemical System: Lithium / Manganese Dioxide (Li/MnO2 )
• Designation:          ANSI / NEDA-5000LC, IEC-CR2016
• Battery Voltage:    3.0 Volts
• Average Weight:   1.9 grams (0.07 oz.)
• Volume:                 0.5 cubic centimeters (0.03 cubic inch)
• Average Capacity: 80 mAh to 2.0 volts
                                 (Rated at 30k ohms continuous at 21ºC)
• Maximum Reverse
• Charge Current:     1 microampere
• Energy Density:      122 milliwatt hr/g, 464 milliwatt hr/cc




Similar Part No. - CR2016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR2016 ETC-CR2016 Datasheet
269Kb / 1P
Manganese Dioxide
logo
Panasonic Semiconductor
CR2016 PANASONIC-CR2016 Datasheet
185Kb / 6P
Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
logo
Dubilier
CR2016 DUBILIER-CR2016 Datasheet
67Kb / 1P
LITHIUM COIN CELL
CR2016 DUBILIER-CR2016 Datasheet
67Kb / 1P
LITHIUM COIN CELL
logo
Panasonic Semiconductor
CR2016 PANASONIC-CR2016 Datasheet
104Kb / 4P
INDUSTRIAL SOLUTIONS
More results


Similar Description - CR2016

ManufacturerPart #DatasheetDescription
logo
Energizer
A76 ENERGIZER-A76 Datasheet
58Kb / 1P
1.5 Volts 2.3 grams (0.08 oz.) 0.50 cubic centimeters (0.03 cubic inch)
CR1220 ENERGIZER-CR1220 Datasheet
57Kb / 1P
3.0 Volts 0.76 grams (0.03 oz.) 0.25 cubic centimeters (0.02 cubic inch)
CR1620 ENERGIZER-CR1620 Datasheet
49Kb / 1P
3.0 Volts 1.4 grams (0.05 oz.) 0.4 cubic centimeters (0.02 cubic inch)
CR1632 ENERGIZER-CR1632 Datasheet
52Kb / 1P
3.0 Volts 1.8 grams (0.06 oz.) 0.5 cubic centimeters (0.03 cubic inch) 130 mAh to 2.0 volts
CR2012 ENERGIZER-CR2012 Datasheet
60Kb / 1P
3.0 Volts 1.3 grams (0.04 oz.) 0.3 cubic centimeters (0.02 cubic inch)
CR2320 ENERGIZER-CR2320 Datasheet
64Kb / 1P
3.0 Volts 3.3 grams (0.10 oz.) 0.83 cubic centimeters (0.05 cubic inch)
CR2450 ENERGIZER-CR2450 Datasheet
61Kb / 1P
3.0 Volts 6.9 grams (0.24 oz.) 2.4 cubic centimeters (0.14 cubic inch)
ELCRV3 ENERGIZER-ELCRV3 Datasheet
97Kb / 1P
3.0 Volts 32 grams (1.1 oz.) 24 cubic centimeters (1.5 cubic inch)
EN91 ENERGIZER-EN91 Datasheet
146Kb / 2P
1.5 Volts 23.0 grams (0.8 oz.) 8.1 cubic centimeters (0.5 cubic inch)
L91 ENERGIZER-L91 Datasheet
91Kb / 2P
1.5 Volts 14.5 grams (0.5 oz.) 8.0 cubic centimeters (0.5 cubic inch)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com