Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8849 Datasheet (PDF) - Texas Instruments

DRV8849 Datasheet PDF - Texas Instruments
Part # DRV8849
Download  DRV8849 Download
File Size   1558.08 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8845: 38 V, 1.5 A Quad H-Bridge Motor Driver with Smart Tune Technology

DRV8849 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8849 Datasheet PDF - Texas Instruments

Part # DRV8849
Download  DRV8849 Click to download

File Size   1558.08 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8845: 38 V, 1.5 A Quad H-Bridge Motor Driver with Smart Tune Technology

DRV8849 Datasheet (HTML) - Texas Instruments


DRV8849 Product details

1 Features
• Integrates four H-bridges
• Can drive different configurations -
– Two stepper motors
– Four brushed-DC motors
– Three brushed-DC motors
– One stepper and two brushed-DC motors
– One stepper and one brushed-DC motor
• Footprint and software compatible with similar
drivers from other vendors
• 4.5-V to 38-V Operating supply voltage range
• Low RDS(ON): 900 mΩ HS + LS at 24 V, 25°C
• 1.5-A full-scale current Per Bridge
• Industry standard PHASE/Ixx Interface
• Synchronous rectification
• Full, 1/2 and 1/4 step operation for stepper motors
• Forward, reverse and coast modes for DC motors
• Smart tune decay for smooth and quiet operation
• Supports 3.3 V and 5 V logic inputs
• Protection features
– VM undervoltage lockout (UVLO)
– Charge pump undervoltage (CPUV)
– Overcurrent protection (OCP)
– Thermal shutdown (OTSD)

2 Applications
• IP Network Camera
• Brushed DC Motors
• Printers and scanners
• Medical Applications
• ATMs, currency counters, and EPOS
• Office and home automation
• Major and small home appliances

3 Description
The DRV8845 is a quad full-bridge driver for a wide
variety of industrial applications. The device can be
used for driving up to two stepper motors or up to
four brushed-DC motors. Each full-bridge output is
rated up to 1.5 A and 38 V. The DRV8845 includes
pulse width modulation (PWM) current regulators,
along with 2- bit nonlinear DACs (digital-to-analog
converters) that allow stepper motors to be controlled
in full, half, and quarter steps; and DC motors in
forward, reverse, and coast modes.
The PWM current regulator uses the smart tune
decay mode for motor audible noise and vibration
reduction, increased accuracy, and reduced power
dissipation. Internal synchronous rectification control
circuitry is provided to improve power dissipation
during PWM operation.
Protection features include thermal shutdown with
hysteresis (OTSD), undervoltage lockout (UVLO)
and overcurrent protection (OCP). Special power up
sequencing is not required.
The DRV8845 is supplied in a 6 mm x 6 mm, 36 pin
QFN package with exposed pad for enhanced thermal
performance.




Similar Part No. - DRV8849

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8849 TI-DRV8849 Datasheet
1Mb / 35P
DRV8849: 38 V, 1.5 A Dual Stepper Driver with Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune
MAY 2023
DRV8849RHHR TI-DRV8849RHHR Datasheet
1Mb / 35P
DRV8849: 38 V, 1.5 A Dual Stepper Driver with Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune
MAY 2023
More results


Similar Description - DRV8849

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
1.2A Quad H-Bridge Motor Driver
logo
Texas Instruments
DRV8436E TI1-DRV8436E Datasheet
1Mb / 40P
DRV8436E Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8424E TI1-DRV8424E Datasheet
2Mb / 43P
DRV8424E/P, DRV8425E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8426E TI1-DRV8426E Datasheet
1Mb / 42P
DRV8426E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8426E TI1-DRV8426E_V01 Datasheet
2Mb / 43P
DRV8426E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8428E TI1-DRV8428E Datasheet
1Mb / 46P
DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8434E TI-DRV8434E Datasheet
3Mb / 48P
DRV8434E/P Dual H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
DRV8256 TI-DRV8256 Datasheet
3Mb / 48P
DRV8256E/P H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
DRV8849 TI-DRV8849 Datasheet
1Mb / 35P
DRV8849: 38 V, 1.5 A Dual Stepper Driver with Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and Smart Tune
MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com