Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N6004NZ Datasheet (PDF) - Renesas Technology Corp

N6004NZ Datasheet PDF - Renesas Technology Corp
Part # N6004NZ
Download  N6004NZ Download
File Size   264.73 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 600V, 4A, 2.0Ω

N6004NZ Datasheet (PDF)

Go To PDF Page Download Datasheet
N6004NZ Datasheet PDF - Renesas Technology Corp

Part # N6004NZ
Download  N6004NZ Click to download

File Size   264.73 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 600V, 4A, 2.0Ω

N6004NZ Datasheet (HTML) - Renesas Technology Corp


N6004NZ Product details

Description
The N6004NZ is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
• Low on-state resistance
RDS (on) = 2.0Ω MAX. (VGS = 10 V, ID = 2.0 A)
• Low input capacitance
Ciss = 900pF TYP. (VDS = 10V, VGS = 0 V)
• High current
ID(DC) = ±4.0 A
• RoHS Compliant




Similar Part No. - N6004NZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N6001NZ RENESAS-N6001NZ Datasheet
262Kb / 8P
N-channel MOSFET 600V, 1A, 9.3Ω
Feb 18, 2013
N6001NZ-S29-AY RENESAS-N6001NZ-S29-AY Datasheet
262Kb / 8P
N-channel MOSFET 600V, 1A, 9.3Ω
Feb 18, 2013
N6002NZ RENESAS-N6002NZ Datasheet
280Kb / 8P
N-channel MOSFET 600V, 2A, 4.4Ω
Feb 18, 2013
N6002NZ-S29-AY RENESAS-N6002NZ-S29-AY Datasheet
280Kb / 8P
N-channel MOSFET 600V, 2A, 4.4Ω
Feb 18, 2013
N6003NZ RENESAS-N6003NZ Datasheet
280Kb / 8P
N-channel MOSFET 600V, 2A, 4.4Ω
Feb 18, 2013
More results


Similar Description - N6004NZ

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
600V, 4A N-Channel MOSFET
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
600V,4A N-Channel MOSFET
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
600V,4A N-Channel MOSFET
AOWF4N60 AOSMD-AOWF4N60 Datasheet
307Kb / 5P
600V,4A N-Channel MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
600V, 4A, N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOD4C60 AOSMD-AOD4C60 Datasheet
262Kb / 6P
600V, 4A- N-Channel MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD4T60P AOSMD-AOD4T60P Datasheet
494Kb / 6P
600V,4A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
600V 4A N-Channel MOSFET
Revision:20170701-P1
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com