Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N6008NZ Datasheet (PDF) - Renesas Technology Corp

N6008NZ Datasheet PDF - Renesas Technology Corp
Part # N6008NZ
Download  N6008NZ Download
File Size   260.72 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 600V, 8A, 0.75Ω

N6008NZ Datasheet (PDF)

Go To PDF Page Download Datasheet
N6008NZ Datasheet PDF - Renesas Technology Corp

Part # N6008NZ
Download  N6008NZ Click to download

File Size   260.72 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 600V, 8A, 0.75Ω

N6008NZ Datasheet (HTML) - Renesas Technology Corp


N6008NZ Product details

Description
The N6008NZ is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
• Low on-state resistance
RDS (on) = 0.75Ω MAX. (VGS = 10 V, ID = 4.0 A)
• Low input capacitance
Ciss = 2145pF TYP. (VDS = 10V, VGS = 0 V)
• High current
ID(DC) = ±8.0 A
• RoHS Compliant




Similar Part No. - N6008NZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N6001NZ RENESAS-N6001NZ Datasheet
262Kb / 8P
N-channel MOSFET 600V, 1A, 9.3Ω
Feb 18, 2013
N6001NZ-S29-AY RENESAS-N6001NZ-S29-AY Datasheet
262Kb / 8P
N-channel MOSFET 600V, 1A, 9.3Ω
Feb 18, 2013
N6002NZ RENESAS-N6002NZ Datasheet
280Kb / 8P
N-channel MOSFET 600V, 2A, 4.4Ω
Feb 18, 2013
N6002NZ-S29-AY RENESAS-N6002NZ-S29-AY Datasheet
280Kb / 8P
N-channel MOSFET 600V, 2A, 4.4Ω
Feb 18, 2013
N6003NZ RENESAS-N6003NZ Datasheet
280Kb / 8P
N-channel MOSFET 600V, 2A, 4.4Ω
Feb 18, 2013
More results


Similar Description - N6008NZ

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT8N60 AOSMD-AOT8N60 Datasheet
183Kb / 6P
600V, 8A N-Channel MOSFET
logo
Unisonic Technologies
8N60 UTC-8N60_11 Datasheet
229Kb / 8P
8A, 600V N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NGTB05N60R2DT4G ONSEMI-NGTB05N60R2DT4G Datasheet
527Kb / 7P
IGBT 600V, 8A, N-Channel
January 2015 - Rev. 2
logo
MagnaChip Semiconductor...
MDF8N60 MGCHIP-MDF8N60 Datasheet
751Kb / 6P
N-Channel MOSFET 600V, 8A, 1.0(ohm)
MDF8N60B MGCHIP-MDF8N60B Datasheet
840Kb / 6P
N-Channel MOSFET 600V, 8A, 1.05(ohm)
MDP8N60 MGCHIP-MDP8N60 Datasheet
997Kb / 6P
N-Channel MOSFET 600V, 8A, 1.0(ohm)
logo
E-CMOS Corporation
EC7408N60 E-CMOS-EC7408N60 Datasheet
339Kb / 5P
600V, 8A N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
KNX4760A KIA-KNX4760A Datasheet
341Kb / 7P
8A 600V N-CHANNEL MOSFET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com