Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56311 Datasheet (PDF) - NXP Semiconductors

DSP56311 Datasheet PDF - NXP Semiconductors
Part # DSP56311
Download  DSP56311 Download
File Size   2062.43 Kbytes
Page   96 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-Bit Digital Signal Processor

DSP56311 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56311 Datasheet PDF - NXP Semiconductors

Part # DSP56311
Download  DSP56311 Click to download

File Size   2062.43 Kbytes
Page   96 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-Bit Digital Signal Processor

DSP56311 Datasheet (HTML) - NXP Semiconductors


DSP56311 Product details

Features
• Up to 150 million multiply-accumulates per second (MMACS) (300 MMACS using the EFCOP in filtering
applications) with a 150 MHz clock at 1.8 V core and 3.3 V I/O
• Object code compatible with the DSP56000 core with highly parallel instruction set
• Data arithmetic logic unit (Data ALU) with fully pipelined 24 × 24-bit parallel Multiplier-Accumulator (MAC),
56-bit parallel barrel shifter (fast shift and normalization; bit stream generation and parsing), conditional
ALU instructions, and 24-bit or 16-bit arithmetic support under software control
• Program control unit (PCU) with position-independent code (PIC) support, addressing modes optimized for
DSP applications (including immediate offsets), internal instruction cache controller, internal memoryexpandable
hardware stack, nested hardware DO loops, and fast auto-return interrupts
• Direct memory access (DMA) with six DMA channels supporting internal and external accesses; one-, two-
, and three-dimensional transfers (including circular buffering); end-of-block-transfer interrupts; and
triggering from interrupt lines and all peripherals
• Phase-lock loop (PLL) allows change of low-power divide factor (DF) without loss of lock and output clock
with skew elimination
• Hardware debugging support including on-chip emulation (OnCE‘) module, Joint Test Action Group (JTAG)
test access port (TAP)

Applications
DSP56311 applications require high performance, low power, small packaging, and a large amount of internal
memory. The EFCOP can accelerate general filtering applications. Examples include:
• Wireless and wireline infrastructure applications
• Multi-channel wireless local loop systems
• DSP resource boards
• High-speed modem banks
• IP telephony




Similar Part No. - DSP56311

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56311 MOTOROLA-DSP56311 Datasheet
230Kb / 14P
DSP56311 Device Errata for Mask
logo
Freescale Semiconductor...
DSP56311 FREESCALE-DSP56311 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56311CE1K34A MOTOROLA-DSP56311CE1K34A Datasheet
230Kb / 14P
DSP56311 Device Errata for Mask
logo
Freescale Semiconductor...
DSP56311VF150 FREESCALE-DSP56311VF150 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
DSP56311VF150 FREESCALE-DSP56311VF150 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
More results


Similar Description - DSP56311

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com