Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1017495 Datasheet (PDF) - PHOENIX CONTACT

1017495 Datasheet PDF - PHOENIX CONTACT
Part # 1017495
Download  1017495 Download
File Size   237.43 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TDPT 2,5/ 6-SC-5,08 - PCB terminal block

1017495 Datasheet (PDF)

Go To PDF Page Download Datasheet
1017495 Datasheet PDF - PHOENIX CONTACT

Part # 1017495
Download  1017495 Click to download

File Size   237.43 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TDPT 2,5/ 6-SC-5,08 - PCB terminal block

1017495 Datasheet (HTML) - PHOENIX CONTACT


1017495 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 6, number of rows: 1, number of positions per row: 6, product range:
TDPT 2,5/..-SC, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 2, type of packaging: packed in cardboard

Your advantages
• Easy to adapt, thanks to their identical size and the same pinning for Push-in spring connections as for screw connections
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force




Similar Part No. - 1017495

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1017491 PHOENIX-1017491 Datasheet
360Kb / 8P
PCB terminal block, Screw connection with tension sleeve
1017492 PHOENIX-1017492 Datasheet
374Kb / 8P
PCB terminal block, Screw connection with tension sleeve
1017493 PHOENIX-1017493 Datasheet
382Kb / 8P
PCB terminal block, Screw connection with tension sleeve
1017494 PHOENIX-1017494 Datasheet
392Kb / 8P
PCB terminal block, Screw connection with tension sleeve
1017496 PHOENIX-1017496 Datasheet
406Kb / 8P
PCB terminal block, Screw connection with tension sleeve
More results


Similar Description - 1017495

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701626 PHOENIX-1701626 Datasheet
43Kb / 3P
PCB terminal block - SMKDS 2,5/ 9-5,08
1730395 PHOENIX-1730395 Datasheet
136Kb / 7P
PCB terminal block - MKDS 2,5/ 2-5,08
1730434 PHOENIX-1730434 Datasheet
108Kb / 6P
PCB terminal block - MKDS 2,5/ 6-5,08
1730447 PHOENIX-1730447 Datasheet
101Kb / 6P
PCB terminal block - MKDS 2,5/ 7-5,08
1730450 PHOENIX-1730450 Datasheet
101Kb / 6P
PCB terminal block - MKDS 2,5/ 8-5,08
1730544 PHOENIX-1730544 Datasheet
76Kb / 5P
PCB terminal block - MKDSD 2,5/ 6-5,08
1736777 PHOENIX-1736777 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/ 6-5,08
1904969 PHOENIX-1904969 Datasheet
137Kb / 6P
PCB terminal block - ZFKDS 2,5-5,08
1989405 PHOENIX-1989405 Datasheet
61Kb / 4P
PCB terminal block - MKDSN 2,5/ 6-5,08
1991341 PHOENIX-1991341 Datasheet
59Kb / 4P
PCB terminal block - MKDSN 2,5/10-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com