Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4500 Datasheet (PDF) - Silicon Mitus, Inc.

SM4500 Datasheet PDF - Silicon Mitus, Inc.
Part # SM4500
Download  SM4500 Download
File Size   267.72 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 6 Channel White LED Driver with Internal-switch Boost Regulator

SM4500 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4500 Datasheet PDF - Silicon Mitus, Inc.

Part # SM4500
Download  SM4500 Click to download

File Size   267.72 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 6 Channel White LED Driver with Internal-switch Boost Regulator

SM4500 Datasheet (HTML) - Silicon Mitus, Inc.


SM4500 Product details

Features
 5 V to 27 V Input Supply Voltage Range
 Maximum Output Adjustable up to 55 V
 High-Efficiency Step-up Regulator
. Peak-Current Mode Control – Fast Transient
. 210 kHz to 1.4 MHz Adjustable Switching Frequency
. Built-in 60 V, 2.5 A, 0.18 Ω MOSFET
 Six LED Current Sources
. Full-Scale LED Current Adjustable up to 30 mA
. ± 1.5% Current Matching Between Channels
. Headroom Control to Maximize Efficiency
 Dimming Control
. Wide PDIM Input Frequency: 100 Hz to 20 kHz
. Adjustable Output Dimming Frequency: 100 Hz to 20 kHz
. Selectable Dimming Controls
 Phase Shift PWM or Direct PWM
 Protections
. Output Overvoltage Protection
. LED Open Circuit Protection
. Thermal Shutdown
Applications
 LCD TV LED Backlighting




Similar Part No. - SM4500

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM4500NHKP SINOPWER-SM4500NHKP Datasheet
272Kb / 11P
N-Channel Enhancement Mode MOSFET
SM4500NHKPC-TRG SINOPWER-SM4500NHKPC-TRG Datasheet
272Kb / 11P
N-Channel Enhancement Mode MOSFET
More results


Similar Description - SM4500

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
logo
Maxim Integrated Produc...
MAX8798 MAXIM-MAX8798 Datasheet
594Kb / 30P
Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
Rev 0; 9/07
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
Boost Regulator White LED Driver
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
logo
Silicon Mitus, Inc.
SM2001 SILICONMITUS-SM2001 Datasheet
267Kb / 1P
4 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
SM2006 SILICONMITUS-SM2006 Datasheet
266Kb / 1P
6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED
Februay 2018 Rev. 0.0.0
SM21BLA SILICONMITUS-SM21BLA Datasheet
264Kb / 1P
2 Channel White LED Driver with Internal-switch Buck Regulator
Februay 2018 Rev. 0.0.0
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com