Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE32900 Datasheet (PDF) - Renesas Technology Corp

NE32900 Datasheet PDF - Renesas Technology Corp
Part # NE32900
Download  NE32900 Download
File Size   181.63 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HETERO JUNCTION FIELD EFFECT TRANSISTOR

NE32900 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE32900 Datasheet PDF - Renesas Technology Corp

Part # NE32900
Download  NE32900 Click to download

File Size   181.63 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HETERO JUNCTION FIELD EFFECT TRANSISTOR

NE32900 Datasheet (HTML) - Renesas Technology Corp


NE32900 Product details

DESCRIPTION
NE32900 is Hetero Junction FET chip that utilizes the hetero junction between Si-doped AlGaAs and undoped
InGaAs to create high mobility electrons. Its excellent low noise and high associated gain make it suitable for
commercial systems, industrial and space applications.
FEATURES
• Super Low Noise Figure & High Associated Gain
NF = 0.35 dB TYP., Ga = 13.0 dB TYP. at f = 12 GHz
• Gate Length : Lg = 0.2 Pm
• Gate Width : Wg = 200 Pm




Similar Part No. - NE32900

ManufacturerPart #DatasheetDescription
logo
NEC
NE32900 NEC-NE32900 Datasheet
23Kb / 1P
SCHEMATIC
More results


Similar Description - NE32900

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE32984D RENESAS-NE32984D Datasheet
207Kb / 14P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1995
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
Hetero Junction Field Effect transistor
2003
NE21283A RENESAS-NE21283A Datasheet
718Kb / 12P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1990
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com