Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5500134 Datasheet (PDF) - Renesas Technology Corp

NE5500134 Datasheet PDF - Renesas Technology Corp
Part # NE5500134
Download  NE5500134 Download
File Size   285.43 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER MOS FET

NE5500134 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5500134 Datasheet PDF - Renesas Technology Corp

Part # NE5500134
Download  NE5500134 Click to download

File Size   285.43 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER MOS FET

NE5500134 Datasheet (HTML) - Renesas Technology Corp


NE5500134 Product details

N-CHANNEL SILICON POWER MOS FET
POWER AMPLIFIER FOR 0.8 TO 2.0 GHz CELLULAR HANDSETS

DESCRIPTION
The NE5500134 is an N-channel silicon power MOS FET specially designed as the transmission power amplifier
for 0.8 to 2.0 GHz cellular handsets. Dies are manufactured using our NEWMOS technology (our 0.6 μm WSi gate
lateral MOS FET), housed in a surface mount 3-pin power minimold (34 PKG) (SOT-89 type) package. The device
can deliver 29.5 dBm output power with 55% power added efficiency at 1.9 GHz under the 4.8 V supply voltage.
FEATURES
• High output power : Pout = 29.5 dBm TYP. (VDS = 4.8 V, IDset = 200 mA, f = 1.9 GHz, Pin = 20 dBm)
• High power added efficiency : ηadd = 55% TYP. (VDS = 4.8 V, IDset = 200 mA, f = 1.9 GHz, Pin = 20 dBm)
• High linear gain : GL = 13 dB TYP. (VDS = 4.8 V, IDset = 200 mA, f = 1.9 GHz, Pin = 10 dBm)
• Surface mount package : 3-pin power minimold (34 PKG) (SOT-89 type)
• Single supply : VDS = 3.0 to 6.0 V




Similar Part No. - NE5500134

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5500134-A RENESAS-NE5500134-A Datasheet
137Kb / 2P
RF & Microwave device
More results


Similar Description - NE5500134

ManufacturerPart #DatasheetDescription
logo
NEC
NE5500179A NEC-NE5500179A Datasheet
66Kb / 11P
SILICON POWER MOS FET
logo
Renesas Technology Corp
NE5550234 RENESAS-NE5550234_13 Datasheet
1Mb / 16P
Silicon Power MOS FET
logo
California Eastern Labs
NE5550234 CEL-NE5550234 Datasheet
2Mb / 15P
Silicon Power MOS FET
logo
Renesas Technology Corp
NE552R479A RENESAS-NE552R479A Datasheet
291Kb / 11P
SILICON POWER MOS FET
2003
NE5500234 RENESAS-NE5500234 Datasheet
293Kb / 9P
SILICON POWER MOS FET
2007
NE5500434 RENESAS-NE5500434 Datasheet
290Kb / 9P
SILICON POWER MOS FET
2007
NE5510279A RENESAS-NE5510279A Datasheet
288Kb / 12P
SILICON POWER MOS FET
2003
NE5520279A RENESAS-NE5520279A Datasheet
290Kb / 11P
SILICON POWER MOS FET
2003
NE5520379A RENESAS-NE5520379A Datasheet
295Kb / 13P
SILICON POWER MOS FET
2003
NE552R679A RENESAS-NE552R679A Datasheet
290Kb / 11P
SILICON POWER MOS FET
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com