Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE76038 Datasheet (PDF) - Renesas Technology Corp

NE76038 Datasheet PDF - Renesas Technology Corp
Part # NE76038
Download  NE76038 Download
File Size   193.69 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs MES FET

NE76038 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE76038 Datasheet PDF - Renesas Technology Corp

Part # NE76038
Download  NE76038 Click to download

File Size   193.69 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs MES FET

NE76038 Datasheet (HTML) - Renesas Technology Corp


NE76038 Product details

GENERAL PURPOSE N-CHANNEL GaAs MES FET

DESCRIPTION
NE76038 is a N-channel GaAs MES FET housed in
plastic package. The device is fabricated by ion implantation
for improved RF and DC performance reliability and uniformity.
Its excellent low noise and high associated gain make
it suitable for MMDS, TVRO, GPS and another commercial
systems.
The surface of the device, except bonding pads, is
passivated with SiO2 and SiN4 for scratch protection as well
as surface stability.
FEATURES
• Low noise figure & High associated gain
NF = 1.7 dB TYP., Ga = 7.5 dB TYP. at f = 12 GHz
• 0.3 mm recessed gate
• Plastic package
• Tape & Reel Packaging only Available




Similar Part No. - NE76038

ManufacturerPart #DatasheetDescription
logo
NEC
NE76038 NEC-NE76038 Datasheet
40Kb / 6P
LOW NOISE L TO Ku-BAND GaAs MESFET
NE76038-T1 NEC-NE76038-T1 Datasheet
40Kb / 6P
LOW NOISE L TO Ku-BAND GaAs MESFET
More results


Similar Description - NE76038

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE6500496 RENESAS-NE6500496 Datasheet
196Kb / 8P
GaAs MES FET
1996
NE713 RENESAS-NE713 Datasheet
243Kb / 18P
GaAs MES FET
1996
NE76118 RENESAS-NE76118 Datasheet
187Kb / 10P
GaAs MES FET
1996
NE76184A RENESAS-NE76184A Datasheet
193Kb / 12P
GaAs MES FET
1991
NE85002 RENESAS-NE85002 Datasheet
207Kb / 10P
GaAs MES FET
1996
NE850R5 RENESAS-NE850R5 Datasheet
177Kb / 10P
GaAs MES FET
1996
NES2527B-30 RENESAS-NES2527B-30 Datasheet
170Kb / 6P
GaAs MES FET
1997
NEZ1011-2E RENESAS-NEZ1011-2E Datasheet
161Kb / 6P
GaAs MES FET
1996
NE8002 RENESAS-NE8002 Datasheet
445Kb / 8P
GaAs MES FET
1987
NEZ1414-8E RENESAS-NEZ1414-8E Datasheet
165Kb / 6P
GaAs MES FET
1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com