Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NES1720P-140 Datasheet (PDF) - Renesas Technology Corp

NES1720P-140 Datasheet PDF - Renesas Technology Corp
Part # NES1720P-140
Download  NES1720P-140 Download
File Size   182.8 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MES FET

NES1720P-140 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES1720P-140 Datasheet PDF - Renesas Technology Corp

Part # NES1720P-140
Download  NES1720P-140 Click to download

File Size   182.8 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MES FET

NES1720P-140 Datasheet (HTML) - Renesas Technology Corp


NES1720P-140 Product details

140 W L-BAND PUSH-PULL POWER GaAs MES FET

DESCRIPTION
The NES1720P-140 is a 140 W push-pull type GaAs MES FET designed for high power transmitter applications
for PCS, PDC and PHS base station systems. It is capable of delivering 140 W of output power (CW) with high linear
gain, high efficiency and excellent distortion under the condition of 12 V operation. Its primary band is 1.7 to 2.0
GHz. The device employs 0.9 mm Tungsten Silicide gates, via holes, plated heat sink, and silicon dioxide passivation
for superior performance, thermal characteristics, and reliability.
Reliability and performance uniformity are assured by NEC’s stringent quality and control procedures.
FEATURES
• Push-pull type N-channel GaAs MES FET
• VDS = 12.0 V operation
• High output power: Pout = 140 W TYP.
• High linear gain: GL = 11.0 dB TYP.
• High power added efficiency: hadd = 43% TYP. @ VDS = 12.0 V, IDset = 6.0 A (total), f = 1.96 GHz




Similar Part No. - NES1720P-140

ManufacturerPart #DatasheetDescription
logo
Lumberg
NES1 LUMBERG-NES1 Datasheet
436Kb / 3P
Power supply connectors
logo
DENSEI-LAMBDA
NES120 LAMBDA-NES120 Datasheet
674Kb / 3P
DIN rail mountable type 30 ~ 240W
NES120-24 LAMBDA-NES120-24 Datasheet
674Kb / 3P
DIN rail mountable type 30 ~ 240W
logo
TDK Electronics
NES120-24 TDK-NES120-24 Datasheet
259Kb / 3P
DIN rail mountable
logo
Carlo Gavazzi Holding A...
NES13DB24DA CARLOGAVAZZI-NES13DB24DA Datasheet
113Kb / 4P
Safety Modules Emergency Stop and Safety Gate Types NES02D, NES13D
15.01.10
More results


Similar Description - NES1720P-140

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
3SK241 PANASONIC-3SK241 Datasheet
44Kb / 3P
GaAs N-Channel MES FET
logo
Renesas Technology Corp
NE6500179A RENESAS-NE6500179A Datasheet
176Kb / 10P
N-CHANNEL GaAs MES FET
2001
NE6500379A RENESAS-NE6500379A Datasheet
219Kb / 10P
N-CHANNEL GaAs MES FET
1998
NE650R279A RENESAS-NE650R279A Datasheet
212Kb / 10P
N-CHANNEL GaAs MES FET
1998
NE850R599A RENESAS-NE850R599A Datasheet
194Kb / 14P
N-CHANNEL GaAs MES FET
1998
NE960R2 RENESAS-NE960R2 Datasheet
245Kb / 10P
N-CHANNEL GaAs MES FET
2003
NE960R5 RENESAS-NE960R5 Datasheet
244Kb / 10P
N-CHANNEL GaAs MES FET
2003
NES1823P-140 RENESAS-NES1823P-140 Datasheet
183Kb / 10P
N-CHANNEL GaAs MES FET
2000
NES1823P-30 RENESAS-NES1823P-30 Datasheet
188Kb / 10P
N-CHANNEL GaAs MES FET
1999
NES1823P-70 RENESAS-NES1823P-70 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET
2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com