Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NES1823M-240 Datasheet (PDF) - Renesas Technology Corp

NES1823M-240 Datasheet PDF - Renesas Technology Corp
Part # NES1823M-240
Download  NES1823M-240 Download
File Size   299.36 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs FET 240 W L, S-BAND PUSH-PULL POWER GaAs FET

NES1823M-240 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES1823M-240 Datasheet PDF - Renesas Technology Corp

Part # NES1823M-240
Download  NES1823M-240 Click to download

File Size   299.36 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs FET 240 W L, S-BAND PUSH-PULL POWER GaAs FET

NES1823M-240 Datasheet (HTML) - Renesas Technology Corp


NES1823M-240 Product details

DESCRIPTION
The NES1823M-240 is a 240 W push-pull type GaAs FET designed for high power transmitter applications for IMT-
2000 base station systems. It operates at 12 V and is capable of delivering 240 W of output power (CW) with high
linear gain, high efficiency and low distortion. Its primary band is 1.8 to 2.3 GHz. The device employs 0.7 μm
Tungsten Silicide gates, via holes, plated heat sink, and silicon dioxide passivation for superior performance, thermal
characteristics, and reliability.
FEATURES
• Push-pull type GaAs FET
• VDS = 12.0 V operation
• High output power: Pout = 240 W TYP.
• High linear gain: GL = 12.0 dB TYP.
• High power added efficiency: ηadd = 45% TYP. @ VDS = 12.0 V, IDset = 2.0 A (total), f = 2.17 GHz
• Hollow plastic package




Similar Part No. - NES1823M-240

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NES1823M-180 RENESAS-NES1823M-180 Datasheet
287Kb / 13P
GaAs FET 180 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-180-A RENESAS-NES1823M-180-A Datasheet
287Kb / 13P
GaAs FET 180 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-45 RENESAS-NES1823M-45 Datasheet
200Kb / 8P
GaAs FET 45 W L, S-BAND PUSH-PULL POWER GaAs FET
2003
More results


Similar Description - NES1823M-240

ManufacturerPart #DatasheetDescription
logo
NEC
NES1823P-140 NEC-NES1823P-140 Datasheet
47Kb / 8P
140 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-30 NEC-NES1823P-30 Datasheet
51Kb / 8P
30 W L-S BAND PUSH-PULL POWER GaAs MES FET
NES1823P-45 NEC-NES1823P-45 Datasheet
47Kb / 8P
45 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
50 W L-BAND PUSH-PULL POWER GaAs MES FET
NES2427P-45 NEC-NES2427P-45 Datasheet
46Kb / 8P
45 W S-BAND PUSH-PULL POWER GaAs MES FET
NES2427P-60 NEC-NES2427P-60 Datasheet
44Kb / 8P
60 W S-BAND PUSH-PULL POWER GaAs MES FET
logo
Renesas Technology Corp
NES1823M-180 RENESAS-NES1823M-180 Datasheet
287Kb / 13P
GaAs FET 180 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-45 RENESAS-NES1823M-45 Datasheet
200Kb / 8P
GaAs FET 45 W L, S-BAND PUSH-PULL POWER GaAs FET
2003
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com