Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG3031M05 Datasheet (PDF) - Renesas Technology Corp

NESG3031M05 Datasheet PDF - Renesas Technology Corp
Part # NESG3031M05
Download  NESG3031M05 Download
File Size   317.71 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON GERMANIUM RF TRANSISTOR

NESG3031M05 Datasheet (PDF)

Go To PDF Page Download Datasheet
NESG3031M05 Datasheet PDF - Renesas Technology Corp

Part # NESG3031M05
Download  NESG3031M05 Click to download

File Size   317.71 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SILICON GERMANIUM RF TRANSISTOR

NESG3031M05 Datasheet (HTML) - Renesas Technology Corp


NESG3031M05 Product details

NPN SiGe RF TRANSISTOR FOR
LOW NOISE, HIGH-GAIN AMPLIFICATION
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)

FEATURES
• The device is an ideal choice for low noise, high-gain amplification
NF = 0.6 dB TYP., Ga = 16.0 dB TYP. @ VCE = 2 V, IC = 6 mA, f = 2.4 GHz
NF = 0.95 dB TYP., Ga = 10.0 dB TYP. @ VCE = 2 V, IC = 6 mA, f = 5.2 GHz
NF = 1.1 dB TYP., Ga = 9.5 dB TYP. @ VCE = 2 V, IC = 6 mA, f = 5.8 GHz
• Maximum stable power gain: MSG = 14.0 dB TYP. @ VCE = 3 V, IC = 20 mA, f = 5.8 GHz
• SiGe HBT technology (UHS3) adopted: fmax = 110 GHz
• Flat-lead 4-pin thin-type super minimold (M05, 2012 PKG)




Similar Part No. - NESG3031M05

ManufacturerPart #DatasheetDescription
logo
NEC
NESG3031M05 NEC-NESG3031M05 Datasheet
100Kb / 3P
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
logo
California Eastern Labs
NESG3031M05 CEL-NESG3031M05 Datasheet
334Kb / 9P
NPN SILICON GERMANIUM RF TRANSISTOR
logo
NEC
NESG3031M05-T1 NEC-NESG3031M05-T1 Datasheet
100Kb / 3P
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
logo
California Eastern Labs
NESG3031M05-T1 CEL-NESG3031M05-T1 Datasheet
334Kb / 9P
NPN SILICON GERMANIUM RF TRANSISTOR
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
More results


Similar Description - NESG3031M05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
NPN SILICON GERMANIUM RF TRANSISTOR
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
NPN Silicon Germanium RF Transistor
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
NPN SILICON GERMANIUM RF TRANSISTOR
2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com