Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRF2710 Datasheet (PDF) - Guerrilla RF, Inc.

GRF2710 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF2710
Download  GRF2710 Download
File Size   1326.16 Kbytes
Page   17 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH GAIN, X-Band LNA 8 to 12 GHz

GRF2710 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF2710 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF2710
Download  GRF2710 Click to download

File Size   1326.16 Kbytes
Page   17 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH GAIN, X-Band LNA 8 to 12 GHz

GRF2710 Datasheet (HTML) - Guerrilla RF, Inc.


GRF2710 Product details

FEATURES
Flexible Bias Voltage and Current
Process: GaAs pHEMT
Compact 1.5 x 1.5 mm DFN-6 Package
Reference: 5 V / 25 mA / 10 GHz
Gain: 13.2 dB
OIP3: 24 dBm
OP1dB: 12.8 dBm
Evaluation Board Noise Figure: 1.9 dB
APPLICATIONS
X-Band LNA
Microwave Oscillator
LO Buffer
RFID
Motion Detection
Microwave Backhaul




Similar Part No. - GRF2710

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GRF2 SCHURTER-GRF2 Datasheet
354Kb / 3P
IEC Appliance Inlet C14 with Shielding, "Lock and Shield" Mounting
GRF2 SCHURTER-GRF2 Datasheet
229Kb / 4P
IEC Appliance Inlet C14 with Shielding, "Lock and Shield" Mounting
GRF2 SCHURTER-GRF2 Datasheet
240Kb / 4P
IEC Appliance Inlet C14 with Shielding, "Lock and Shield" Mounting
04.01.2022
GRF2.0212.11 SCHURTER-GRF2.0212.11 Datasheet
240Kb / 4P
IEC Appliance Inlet C14 with Shielding, "Lock and Shield" Mounting
04.01.2022
GRF2.0215.11 SCHURTER-GRF2.0215.11 Datasheet
240Kb / 4P
IEC Appliance Inlet C14 with Shielding, "Lock and Shield" Mounting
04.01.2022
More results


Similar Description - GRF2710

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAML6231 DAICO-DAML6231 Datasheet
96Kb / 1P
X-Band LNA
logo
Tyco Electronics
MAAMML0018 MACOM-MAAMML0018 Datasheet
96Kb / 2P
Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
logo
Filtronic Compound Semi...
FMA219 FILTRONIC-FMA219_1 Datasheet
389Kb / 5P
X-BAND LNA MMIC
logo
TriQuint Semiconductor
TGA2612 TRIQUINT-TGA2612_15 Datasheet
526Kb / 12P
6 to 12 GHz GaN LNA
TGA2612-SM TRIQUINT-TGA2612-SM_15 Datasheet
609Kb / 14P
6 to 12 GHz GaN LNA
logo
Guerrilla RF, Inc.
GRF2101 GUERRILLA-GRF2101 Datasheet
858Kb / 12P
High Gain, Ultra-LNA Tuning Range: 4.0 to 10.0 GHz
GRF2130 GUERRILLA-GRF2130 Datasheet
725Kb / 10P
Ultra-High Gain LNA Tuning Range: 0.7 to 3.8 GHz
GRF2171 GUERRILLA-GRF2171 Datasheet
725Kb / 11P
High Gain Ultra LNA Tuning Range: 2.5 to 5.0 GHz
GRF2133 GUERRILLA-GRF2133 Datasheet
1,004Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
05/28/21
GRF2133W GUERRILLA-GRF2133W Datasheet
1,010Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
1/26/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com