Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRF5608 Datasheet (PDF) - Guerrilla RF, Inc.

GRF5608 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF5608
Download  GRF5608 Download
File Size   1607.07 Kbytes
Page   18 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH LINEARITY POWER AMPLIFIER 746 to 830 MHz

GRF5608 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF5608 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF5608
Download  GRF5608 Click to download

File Size   1607.07 Kbytes
Page   18 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH LINEARITY POWER AMPLIFIER 746 to 830 MHz

GRF5608 Datasheet (HTML) - Guerrilla RF, Inc.


GRF5608 Product details

FEATURES
Excellent OP1dB, OIP3, ACLR and IM3 Performance
Native Linearity Provides up to +27 dBm POUT with
> 45 dBc ACLR – Without the Need for Digital
Predistortion Correction
+27 dBm Linear Output Power Maintained at 85 °C
Flexible Biasing Provides Latitude for Linearity
Optimization
270 mA Native Mode Quiescent Current Consumption
5 V Supply Voltage
50 Ω Single-ended Input and Output Impedances
Digital Shutdown
Rugged Design is Extremely Resilient to Mismatched
Loads
-40 to 85 °C Operating Temperature Range
Compact 3 x 3 mm QFN-16 Package
Reference: 5.0 V/787 MHz/270 mA ICCQ
Gain: 27.8 dB
OIP3: 49 dBm @ 25 dBm POUT/tone
OP1dB: 36 dBm
Evaluation Board Noise Figure: 4.8 dB
APPLICATIONS
Cellular Boosters
Automotive Compensators
Picocells/Femtocells
Customer Premise Equipment




Similar Part No. - GRF5608

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5605 GUERRILLA-GRF5605 Datasheet
1Mb / 17P
HIGH LINEARITY POWER AMPLIFIER 617 to 652 MHz
March 8, 2022
GRF5606 GUERRILLA-GRF5606 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 663 to 716 MHz
March 8, 2022
GRF5607 GUERRILLA-GRF5607 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 703 to 748 MHz
September 19, 2022
GRF5609 GUERRILLA-GRF5609 Datasheet
1Mb / 17P
HIGH LINEARITY POWER AMPLIFIER 814 to 862 MHz
March 8, 2022
More results


Similar Description - GRF5608

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7210 PHILIPS-BGA7210 Datasheet
2Mb / 30P
700 MHz to 3800 MHz high linearity variable gain amplifier
Rev. 2-4 January 2012
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
GRF5307 GUERRILLA-GRF5307 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 617 to 862 MHz
August 10, 2022
GRF5317 GUERRILLA-GRF5317 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 1700 to 2000 MHz
May 18, 2022
GRF5605 GUERRILLA-GRF5605 Datasheet
1Mb / 17P
HIGH LINEARITY POWER AMPLIFIER 617 to 652 MHz
March 8, 2022
GRF5606 GUERRILLA-GRF5606 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 663 to 716 MHz
March 8, 2022
GRF5607 GUERRILLA-GRF5607 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 703 to 748 MHz
September 19, 2022
GRF5609 GUERRILLA-GRF5609 Datasheet
1Mb / 17P
HIGH LINEARITY POWER AMPLIFIER 814 to 862 MHz
March 8, 2022
GRF5610 GUERRILLA-GRF5610 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 865 to 928 MHz
December 7, 2022
GRF5611 GUERRILLA-GRF5611 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 902 to 960 MHz
January 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com