Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRF6402W Datasheet (PDF) - Guerrilla RF, Inc.

GRF6402W Datasheet PDF - Guerrilla RF, Inc.
Part # GRF6402W
Download  GRF6402W Download
File Size   1197.7 Kbytes
Page   24 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description 31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz

GRF6402W Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF6402W Datasheet PDF - Guerrilla RF, Inc.

Part # GRF6402W
Download  GRF6402W Click to download

File Size   1197.7 Kbytes
Page   24 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description 31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz

GRF6402W Datasheet (HTML) - Guerrilla RF, Inc.


GRF6402W Product details

FEATURES
• 31.75 dB range
• 0.25 dB steps via 7-bit Control
• Serial Interface with Support for 8 Addresses
• Programmable Rapid Fire Attenuation Setting Which
Circumvents Delays Associated with SPI Programming
• Defaults to Full Attenuation for Power-On Resets
• Glitchless Stepping (< 2 dB Over/Undershoot)
• 210 ns settling time for 0.25 dB steps
• Bi-directional RF Use
• 3.3 V and 5 V Supply Voltages
• 50 Ω Single-ended Input and Output Impedances
• -40 to 115 °C Operating Temperature Range
• Compact 3 x 3 mm QFN-16 Package
AEC-Q100 Grade 2 Qualification Pending
• 100% Device Reflow at Assembly
• 100% Optical Die Inspection
Reference: 5 V / 2 GHz
• IL: 1.4 dB
• IP0.1 dB: 30.5 dBm
• IIP3: 55 dBm
• INL Attenuation Error: ± (0.01 + 2.5%) dB
• DNL Attenuation Error: ± 0.1 dB
APPLICATIONS
• 5G Wireless Infrastructure
• Cellular Repeaters/Boosters & DAS Systems
• Automotive Cellular and V2X Compensators
• Millimeter Wave IF Stages
• High-Performance Gain Trim & AGC Loops




Similar Part No. - GRF6402W

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF6402 GUERRILLA-GRF6402 Datasheet
1Mb / 24P
31.75 dB RANGE / 0.25dB STEP DSA 0.05 to 6 GHz
March 28, 2023
More results


Similar Description - GRF6402W

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Pasternack Enterprises,...
PE70A5000 PASTERNACK-PE70A5000 Datasheet
562Kb / 8P
Step Resolution of 0.25 dB
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
7-bit 0.25 dB Digital Step Attenuator
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
logo
Analog Devices
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
1.0 GHz DGA with 30 dB Range and 1 dB Step Size
9/2020-Revision 0
logo
Guerrilla RF, Inc.
GRF6402 GUERRILLA-GRF6402 Datasheet
1Mb / 24P
31.75 dB RANGE / 0.25dB STEP DSA 0.05 to 6 GHz
March 28, 2023
GRF6403 GUERRILLA-GRF6403 Datasheet
6Mb / 50P
31.75 dB RANGE / 0.25dB STEP DSA 0.05 to 6 GHz
November 7, 2022
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com