Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138BKW Datasheet (PDF) - Nexperia B.V. All rights reserved

BSS138BKW Datasheet PDF - Nexperia B.V. All rights reserved
Part # BSS138BKW
Download  BSS138BKW Download
File Size   1585.49 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 320 mA N-channel Trench MOSFET

BSS138BKW Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS138BKW Datasheet PDF - Nexperia B.V. All rights reserved

Part # BSS138BKW
Download  BSS138BKW Click to download

File Size   1585.49 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 320 mA N-channel Trench MOSFET

BSS138BKW Datasheet (HTML) - Nexperia B.V. All rights reserved


BSS138BKW Product details

1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT323 (SC-70)
Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

1.2 Features and benefits
 Logic-level compatible
 Very fast switching
 Trench MOSFET technology
 ESD protection up to 1.5 kV
 AEC-Q101 qualified

1.3 Applications
 Relay driver
 High-speed line driver
 Low-side loadswitch
 Switching circuits




Similar Part No. - BSS138BKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS138BKW PHILIPS-BSS138BKW Datasheet
864Kb / 16P
60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
logo
Rohm
BSS138BKW ROHM-BSS138BKW Datasheet
5Mb / 14P
Nch 60V 380mA Small Signal MOSFET
logo
TECH PUBLIC Electronics...
BSS138BKW TECHPUBLIC-BSS138BKW Datasheet
1Mb / 5P
N-Channel Enhancement Mode MOSFET
logo
NXP Semiconductors
BSS138BKW PHILIPS-BSS138BKW_15 Datasheet
864Kb / 16P
60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
More results


Similar Description - BSS138BKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS138PW PHILIPS-BSS138PW Datasheet
358Kb / 16P
60 V, 320 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138PS NXP-BSS138PS Datasheet
374Kb / 16P
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BKW PHILIPS-BSS138BKW Datasheet
864Kb / 16P
60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
2N7002PS NXP-2N7002PS Datasheet
382Kb / 16P
60 V, 320 mA N-channel Trench MOSFET
Rev. 1-1 July 2010
BSS138BKS PHILIPS-BSS138BKS Datasheet
861Kb / 18P
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
BSS138BKS PHILIPS-BSS138BKS_15 Datasheet
888Kb / 17P
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
BSS138BKW PHILIPS-BSS138BKW_15 Datasheet
864Kb / 16P
60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
BSS138PS PHILIPS-BSS138PS_15 Datasheet
374Kb / 16P
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138PW PHILIPS-BSS138PW_15 Datasheet
358Kb / 16P
60 V, 320 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
logo
Nexperia B.V. All right...
BSS138PW NEXPERIA-BSS138PW Datasheet
904Kb / 16P
60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com