Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMD3-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMD3-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMD3-Q
Download  PUMD3-Q Download
File Size   279.98 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ

PUMD3-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMD3-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMD3-Q
Download  PUMD3-Q Click to download

File Size   279.98 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ

PUMD3-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMD3-Q Product details

1. General description
NPN/PNP Resistor-Equipped double Transistor (RET) in a very small SOT363 (SC-88) Surface-
Mounted Device (SMD) plastic package.
NPN/NPN complement: PUMH11-Q
PNP/PNP complement: PUMB11-Q

2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Digital application in automotive and industrial segments
• Cost-saving alternative for BC847-Q/BC857-Q series in digital applications
• Controlling IC inputs
• Switching loads




Similar Part No. - PUMD3-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD3 PHILIPS-PUMD3 Datasheet
63Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
PUMD3 PHILIPS-PUMD3 Datasheet
65Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 09-18 May 2005
PUMD3 PHILIPS-PUMD3 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMD3 NXP-PUMD3 Datasheet
334Kb / 11P
NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
Rev. 10-15 November 2009
PUMD3 PHILIPS-PUMD3 Datasheet
334Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
More results


Similar Description - PUMD3-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA114EM NEXPERIA-PDTA114EM Datasheet
229Kb / 11P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
PDTA114ET-Q NEXPERIA-PDTA114ET-Q Datasheet
228Kb / 11P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
PDTA114EU-Q NEXPERIA-PDTA114EU-Q Datasheet
224Kb / 10P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
PUMH18 NEXPERIA-PUMH18 Datasheet
237Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 10 kΩ
31 March 2023
PDTC114ET-Q NEXPERIA-PDTC114ET-Q Datasheet
242Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 October 2021
PDTC114ET NEXPERIA-PDTC114ET Datasheet
240Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 July 2022
PUMD9-Q NEXPERIA-PUMD9-Q Datasheet
281Kb / 15P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
7 October 2021
PUMH11-Q NEXPERIA-PUMH11-Q Datasheet
237Kb / 12P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
8 October 2021
PEMH11 NEXPERIA-PEMH11 Datasheet
223Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
PUMH11 NEXPERIA-PUMH11 Datasheet
796Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com