Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

123A-85BA0 Datasheet (PDF) - ATTEND Technology Inc.

123A-85BA0 Datasheet PDF - ATTEND Technology Inc.
Part # 123A-85BA0
Download  123A-85BA0 Download
File Size   357.39 Kbytes
Page   4 Pages
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.
Description M2 CONNECTOR, A KEY, 0.5 PITCH, H8.5mm

123A-85BA0 Datasheet (PDF)

Go To PDF Page Download Datasheet
123A-85BA0 Datasheet PDF - ATTEND Technology Inc.

Part # 123A-85BA0
Download  123A-85BA0 Click to download

File Size   357.39 Kbytes
Page   4 Pages
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.
Description M2 CONNECTOR, A KEY, 0.5 PITCH, H8.5mm

123A-85BA0 Datasheet (HTML) - ATTEND Technology Inc.


123A-85BA0 Product details

Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.




Similar Part No. - 123A-85BA0

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
123A-21A00 ATTEND-123A-21A00 Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
123A-21B00 ATTEND-123A-21B00 Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
123A-21E00 ATTEND-123A-21E00 Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
123A-21M00 ATTEND-123A-21M00 Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
123A-30A00 ATTEND-123A-30A00 Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
More results


Similar Description - 123A-85BA0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR0520PBF VISHAY-MBR0520PBF Datasheet
83Kb / 5P
Schottky Diode, 0.5 A
14-Aug-08
MBR0530 VISHAY-MBR0530 Datasheet
77Kb / 5P
Schottky Diode, 0.5 A
22-Aug-08
MBR0530PBF VISHAY-MBR0530PBF Datasheet
79Kb / 5P
Schottky Diode, 0.5 A
14-Aug-08
MBR0540 VISHAY-MBR0540 Datasheet
78Kb / 5P
Schottky Diode, 0.5 A
22-Aug-08
MBR0540PBF VISHAY-MBR0540PBF Datasheet
81Kb / 5P
Schottky Diode, 0.5 A
14-Aug-08
FCSP05H40ETR VISHAY-FCSP05H40ETR_11 Datasheet
105Kb / 6P
FlipKY, 0.5 A
04-Jul-11
FCSP0530ETR VISHAY-FCSP0530ETR_11 Datasheet
111Kb / 6P
FlipKY, 0.5 A
04-Jul-11
VS-FCSP0530ETR VISHAY-VS-FCSP0530ETR Datasheet
111Kb / 6P
FlipKY®, 0.5 A
04-Jul-11
logo
ATTEND Technology Inc.
123A-58X01 ATTEND-123A-58X01 Datasheet
353Kb / 3P
M.2 Socket, H5.8 B Key 0.5 Pitch G/F, Black, Reel
2021/06/08
123A ATTEND-123A Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com