Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR7500FP-BC Datasheet (PDF) - Renesas Technology Corp

NR7500FP-BC Datasheet PDF - Renesas Technology Corp
Part # NR7500FP-BC
Download  NR7500FP-BC Download
File Size   222.84 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PHOTO DIODE

NR7500FP-BC Datasheet (PDF)

Go To PDF Page Download Datasheet
NR7500FP-BC Datasheet PDF - Renesas Technology Corp

Part # NR7500FP-BC
Download  NR7500FP-BC Click to download

File Size   222.84 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PHOTO DIODE

NR7500FP-BC Datasheet (HTML) - Renesas Technology Corp


NR7500FP-BC Product details

φ50 μm InGaAs PIN-PD COAXIAL MODULE
FOR 2.5 Gb/s FIBEROPTIC COMMUNICATIONS

DESCRIPTION
The NR7500 Series is an InGaAs PIN photo diode (PIN-PD) coaxial module with optical fiber pigtail. This module
is designed for long wavelength 2.5 Gb/s optical communication systems and ideal as a receiver for Synchronous
Digital Hierarchy (SDH) system, STM-16, ITU-T recommendations.
FEATURES
• Small dark current ID = 0.1 nA
• High speed response fC = 2.5 GHz MIN.
• High sensitivity S = 0.89 A/W @ λ = 1 310 nm
S = 0.94 A/W @ λ = 1 550 nm
• Low operating voltage VR = 5 V
• Coaxial module with SMF or GI-50 fiber
• With SC connector : standard, FC connector : option
(Refer to ORDERING INFORMATION)




Similar Part No. - NR7500FP-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR7500FP-BC-AZ CEL-NR7500FP-BC-AZ Datasheet
195Kb / 5P
InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
NR7500FP-BC-AZ CEL-NR7500FP-BC-AZ Datasheet
200Kb / 5P
NECs ?50關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
More results


Similar Description - NR7500FP-BC

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD7030 MARKTECH-MTD7030 Datasheet
67Kb / 2P
PHOTO DIODE
MTD3010PM MARKTECH-MTD3010PM_2 Datasheet
151Kb / 1P
Photo Diode
logo
KODENSHI_AUK CORP.
SPI5842 KODENSHI-SPI5842 Datasheet
150Kb / 4P
Photo Diode
logo
Marktech Corporate
MTD1114M3B MARKTECH-MTD1114M3B_15 Datasheet
551Kb / 3P
Photo Diode
MTD5010N MARKTECH-MTD5010N_15 Datasheet
640Kb / 3P
Photo Diode
MTD6100PT MARKTECH-MTD6100PT_15 Datasheet
561Kb / 3P
Photo Diode
logo
Renesas Technology Corp
NDL5461P RENESAS-NDL5461P Datasheet
193Kb / 10P
PHOTO DIODE
1994
NDL5481P RENESAS-NDL5481P Datasheet
195Kb / 10P
PHOTO DIODE
1994
NDL5506P RENESAS-NDL5506P Datasheet
185Kb / 1P
PHOTO DIODE
1993
NDL5531P RENESAS-NDL5531P Datasheet
203Kb / 10P
PHOTO DIODE
1996
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com