Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596S-ADJ Datasheet (PDF) - TECH PUBLIC Electronics co LTD

LM2596S-ADJ Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # LM2596S-ADJ
Download  LM2596S-ADJ Download
File Size   3001.34 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 3A / 150kHz Step-Down DC-DC Converter

LM2596S-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2596S-ADJ Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # LM2596S-ADJ
Download  LM2596S-ADJ Click to download

File Size   3001.34 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 3A / 150kHz Step-Down DC-DC Converter

LM2596S-ADJ Datasheet (HTML) - TECH PUBLIC Electronics co LTD


LM2596S-ADJ Product details

Features
• Output voltage: 3.3V, 5V & adjustable version
• Adjustable output voltage range 1.23V-38.5V
• 150kHz fixed switching frequency
• Voltage mode Non-synchronous PWM control
• Thermal shutdown and current limit protection
• ON/OFF shutdown control input
• Short circuit protect (SCP)
• Operating voltage can be up to 40V
• Output load current 3A




Similar Part No. - LM2596S-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596S-ADJ NSC-LM2596S-ADJ Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-ADJ TI-LM2596S-ADJ Datasheet
4Mb / 42P
3.3V, 5V, 12V, and Adjustable Output Versions
LM2596S-ADJ TI1-LM2596S-ADJ Datasheet
769Kb / 33P
SIMPLE SWITCHER Power Converter
logo
Guangdong Youtai Semico...
LM2596S-ADJ UMW-LM2596S-ADJ Datasheet
3Mb / 17P
3A Step-Down Voltage Regulator
logo
EVER SEMICONDUCTOR CO.,...
LM2596S-ADJ EVVOSEMI-LM2596S-ADJ Datasheet
1Mb / 17P
3A Step-Down Voltage Regulator
Rev:2023A2
More results


Similar Description - LM2596S-ADJ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Shenzhen Huazhimei Semi...
HM3107B HMSEMI-HM3107B Datasheet
775Kb / 9P
0.4A 150KHz 80V step-down DC-DC converter
HM3107D HMSEMI-HM3107D Datasheet
527Kb / 9P
0.6A 150KHz 100V step-down DC-DC converter
HM3110B HMSEMI-HM3110B Datasheet
842Kb / 9P
0.8A 150KHz 80V step-down DC-DC converter
HM3116 HMSEMI-HM3116 Datasheet
555Kb / 9P
0.6A 150KHz 80V step-down DC-DC converter
HM3116A HMSEMI-HM3116A Datasheet
561Kb / 9P
1A 150KHz 80V step-down DC-DC converter
HM3157 HMSEMI-HM3157 Datasheet
402Kb / 8P
2.1A 150KHz 100V step-down DC-DC converter
logo
AiT Semiconductor Inc.
A7596 AITSEMI-A7596 Datasheet
638Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
logo
TECH PUBLIC Electronics...
LM2596 TECHPUBLIC-LM2596_V01 Datasheet
2Mb / 8P
3A / 150kHz Step-Down DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com