Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB1158M Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VB1158M Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VB1158M
Download  VB1158M Download
File Size   577.71 Kbytes
Page   7 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 150 V (D-S) MOSFET

VB1158M Datasheet (PDF)

Go To PDF Page Download Datasheet
VB1158M Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VB1158M
Download  VB1158M Click to download

File Size   577.71 Kbytes
Page   7 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 150 V (D-S) MOSFET

VB1158M Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VB1158M Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• 100 % Rg and UIS Tested
• TrenchFET® Power MOSFET
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - VB1158M

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VB1101M VBSEMI-VB1101M Datasheet
691Kb / 9P
N-Channel 100 V (D-S) MOSFET
VB1101M VBSEMI-VB1101M Datasheet
770Kb / 9P
N-Channel 100 V (D-S) MOSFET
VB1101M VBSEMI-VB1101M_V01 Datasheet
770Kb / 9P
N-Channel 100 V (D-S) MOSFET
VB1102M VBSEMI-VB1102M Datasheet
715Kb / 9P
N-Channel 100 V (D-S) MOSFET
VB1102M VBSEMI-VB1102M Datasheet
711Kb / 9P
N-Channel 100 V (D-S) MOSFET
More results


Similar Description - VB1158M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
N-Channel 150-V (D-S) MOSFET
26-May-03
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
N-Channel 150-V (D-S) MOSFET
20-Feb-06
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
N-Channel 150-V (D-S) MOSFET
06-Apr-09
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
N-Channel 150 V (D-S) MOSFET
23-May-16
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
N-Channel 150 V (D-S) MOSFET
30-Sep-13
logo
VBsemi Electronics Co.,...
UF5N15ZL-TN3-T VBSEMI-UF5N15ZL-TN3-T Datasheet
1,004Kb / 9P
N-Channel 150 V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com